Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8640MK-F Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP8640MK-F
Description  Precision High Voltage Current Sense Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640MK-F Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8640MK-F Datasheet HTML 7Page - Texas Instruments LMP8640MK-F Datasheet HTML 8Page - Texas Instruments LMP8640MK-F Datasheet HTML 9Page - Texas Instruments LMP8640MK-F Datasheet HTML 10Page - Texas Instruments LMP8640MK-F Datasheet HTML 11Page - Texas Instruments LMP8640MK-F Datasheet HTML 12Page - Texas Instruments LMP8640MK-F Datasheet HTML 13Page - Texas Instruments LMP8640MK-F Datasheet HTML 14Page - Texas Instruments LMP8640MK-F Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Frequency (Hz)
110
90
70
50
30
10
1
10
100
1k
10k
100k
GAIN 100V/V
GAIN 50V/V
GAIN 20V/V
VS = 5V, VCM = 12V
FREQUENCY (Hz)
100
80
60
40
20
0
10
100
1k
10k
100k
1M
GAIN 100 V/V
GAIN 50V/V
GAIN 20V/V
VS = 5V, VCM = 12V
I OUT (mA)
2. 505
2. 504
2. 503
2. 502
2. 501
2. 500
2. 499
2. 498
0
1
2
3
4
5
6
7
8
9
10
GAIN 50
GAIN 100 V/V
GAIN 20V/ V
VS=5V, VCM=12V
I OUT (mA)
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
0
1
2
3
4
5
6
7
8
9
10
GAIN 50
GAIN 100V/ V
GAIN 20V/V
VS=5V, VCM=12V
TIME (4 é
s/DIV)
VCM
VOUT
VS = 5V, GAIN 20 V/V
TIME (4 é
s/DIV)
VCM
VOUT
VS = 5V, GAIN 20 V/V
LMP8640
LMP8640HV
www.ti.com
SNOSB28F – AUGUST 2010 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS=V
+-V-, V
SENSE= +IN - (-IN), RL = 10 MΩ.
Common mode step response (rise)
Common mode step response (fall)
Figure 20.
Figure 21.
Load regulation (Sinking)
Load regulation (Sourcing)
Figure .
Figure 22.
AC PSRR vs. Frequency
AC CMRR vs. Frequency
Figure 23.
Figure 24.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP8640 LMP8640HV


Similar Part No. - LMP8640MK-F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640MK-F NSC-LMP8640MK-F Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-F/NOPB TI1-LMP8640MK-F/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
More results

Similar Description - LMP8640MK-F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com