Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10WM100-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V10WM100-M3
Description  Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V10WM100-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  V10WM100-M3 Datasheet HTML 1Page - Vishay Siliconix V10WM100-M3 Datasheet HTML 2Page - Vishay Siliconix V10WM100-M3 Datasheet HTML 3Page - Vishay Siliconix V10WM100-M3 Datasheet HTML 4Page - Vishay Siliconix V10WM100-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V10WM100-M3
www.vishay.com
Vishay General Semiconductor
Revision: 04-Dec-13
1
Document Number: 89971
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.48 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.
MECHANICAL DATA
Case: TO-252 (D-PAK)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
PRIMARY CHARACTERISTICS
IF(AV)
10 A
VRRM
100 V
IFSM
180 A
VF at IF = 10 A (TA = 125 °C)
0.58 V
TJ max.
150 °C
Package
TO-252 (D-PAK)
Diode variation
Single die
TO-252 (D-PAK)
NC
K
HEATSINK
A
V10WM100
NC
A
K
TMBS
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V10WM100
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current (fig. 1)
IF(AV)
10
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
180
A
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


Similar Part No. - V10WM100-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10WM100-M3 VISHAY-V10WM100-M3 Datasheet
89Kb / 5P
   Trench MOS Barrier Schottky Rectifier
08-Feb-17
V10WM100-M3 VISHAY-V10WM100-M3_15 Datasheet
123Kb / 5P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.48 V at IF = 5 A
Revision: 04-Dec-13
V10WM100-M3 VISHAY-V10WM100-M3_15 Datasheet
115Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V10WM100-M3 VISHAY-V10WM100-M3_V01 Datasheet
89Kb / 5P
   Trench MOS Barrier Schottky Rectifier
08-Feb-17
More results

Similar Description - V10WM100-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May-12
logo
DONGGUAN YOU FENG WEI E...
8A45-DO-201AD YFWDIODE-8A45-DO-201AD Datasheet
1,012Kb / 3P
   Trench MOS Barrier Schottky Rectifier
8L45-DO-201AD YFWDIODE-8L45-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L80-DO-201AD YFWDIODE-10L80-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
logo
DONGGUAN YOU FENG WEI E...
10V150SP YFWDIODE-10V150SP Datasheet
838Kb / 3P
   Trench MOS Barrier Schottky Rectifier
15L45SC YFWDIODE-15L45SC Datasheet
731Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com