Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP8N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP8N80K5
Description  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STP8N80K5 Datasheet HTML 1Page - STMicroelectronics STP8N80K5 Datasheet HTML 2Page - STMicroelectronics STP8N80K5 Datasheet HTML 3Page - STMicroelectronics STP8N80K5 Datasheet HTML 4Page - STMicroelectronics STP8N80K5 Datasheet HTML 5Page - STMicroelectronics STP8N80K5 Datasheet HTML 6Page - STMicroelectronics STP8N80K5 Datasheet HTML 7Page - STMicroelectronics STP8N80K5 Datasheet HTML 8Page - STMicroelectronics STP8N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID023544 Rev 4
3/16
STP8N80K5, STU8N80K5
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
GS
Gate-source voltage
± 30
V
I
D
Drain current T
C
= 25 °C
6
A
I
D
Drain current T
C
= 100 °C
4
A
I
DM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
24
A
P
TOT
Total dissipation at T
C
= 25 °C
110
W
I
AR
(2)
2.
Pulse width limited by T
Jmax.
Max current during repetitive or single
pulse avalanche
2A
E
AS
(3)
3.
Starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V)
114
mJ
dv/dt
(4)
4.
I
SD
≤ 6 A, di/dt ≤ 100 A/μs, V
DS(peak)
≤ V
(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(5)
5.
V
DS
≤ 640 V
MOSFET dv/dt ruggedness
50
V/ns
T
j
T
stg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220
IPAK
R
thj-case
Thermal resistance junction-case max.
1.14
°C/W
R
thj-amb
Thermal resistance junction-amb max.
62.5
100
°C/W


Similar Part No. - STP8N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8N120K5 STMICROELECTRONICS-STP8N120K5 Datasheet
278Kb / 13P
   N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-220 package
DS12529 - Rev 3 - May 2018
STP8N65M5 STMICROELECTRONICS-STP8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
logo
Inchange Semiconductor ...
STP8N65M5 ISC-STP8N65M5 Datasheet
318Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP8N65M5 VBSEMI-STP8N65M5 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STP8N90K5 STMICROELECTRONICS-STP8N90K5 Datasheet
707Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220 package
November 2016 Rev 1
More results

Similar Description - STP8N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD3N80K5 STMICROELECTRONICS-STD3N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 2.8 廓 typ., 2.5 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
January 2014 Rev 3
STB13N80K5 STMICROELECTRONICS-STB13N80K5 Datasheet
1Mb / 20P
   N-channel 800 V, 0.37, 12 A Zener-protected SuperMESH 5 Power MOSFET in D짼PAK, TO-220FP and TO-220 packages
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 4.2 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
September 2013 Rev 1
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
   N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
STF6N95K5 STMICROELECTRONICS-STF6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
   N-channel 900 V, 4.1 廓 typ., 3 A Zener-protected SuperMESH??Power MOSFET in DPAK, TO-220 and TO-220FP packages
January 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com