Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS30011 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS30011
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS30011 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS30011 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
- 2 -
TS30011/12/13
Version 1.6
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
PINOUT
VCC
VCC
GND
VSW
VCC
BST
EN
VSW
TS30011/12/13
PIN 1
Figure 1: 16 Lead 3x3 QFN, Top View
PIN DESCRIPTION FOR 16 LEAD 3X3 QFN
Pin Symbol
Pin #
Function
Description
VSW
1
Switching Voltage Node
Connected to 4.7uH (typical) inductor
VCC
2
Input Voltage
Input voltage
VCC
3
Input Voltage
Input voltage
GND
4
GND
Primary ground for the majority of the device except
the low-side power FET
FB
5
Feedback Input
Regulator FB Voltage. Connects to VOUT for fixed mode
and the output resistor divider for adjustable mode
NC
6
No Connect
Not Connected
NC
7
No Connect
Not Connected
PG
8
Power Good Output
Open-drain output
EN
9
Enable Input
Above 2.2V the device is enabled. GND the pin to put
device in standby mode. Includes internal pull-up
BST
10
Bootstrap Capacitor
Bootstrap capacitor for the high-side FET gate driver.
22nF ceramic capacitor from BST pin to VSW pin
VCC
11
Input Voltage
Input Voltage
VSW
12
Switching Voltage Node
Connected to 4.7uH (typical) inductor
VSW
13
Switching Voltage Node
Connected to 4.7uH (typical) inductor
PGND
14
Power GND
GND supply for internal low-side FET/integrated diode
PGND
15
Power GND
GND supply for internal low-side FET/integrated diode
VSW
16
Switching Voltage Node
Connected to 4.7uH (typical) inductor


Similar Part No. - TS30011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M000 SEMTECH-TS30011-M000 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M015 SEMTECH-TS30011-M015 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M018 SEMTECH-TS30011-M018 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com