Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS61001 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TS61001
Description  Full-bridge FET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS61001 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TS61001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
- 3 -
TS61001
Version 1.0
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
PIN DESCRIPTION
QFN Pin #
Pin Symbol
Function
Description
1
VS1
FET drive
High side MOSFET source #1
2
HO1
FET drive
High side MOSFET gate drive #1
3
LO1
FET drive
Low side MOSFET gate drive #1
4
VCCG
Input power
Input power supply (gate driver supply)
5
PGND
Power GND
Power GND for drivers
6
LO2
FET drive
Low side MOSFET gate drive #2
7
HO2
FET drive
High side MOSFET gate drive #2
8
VS2
FET drive
High side MOSFET source #2
9
VB2
Bootstrap
Bootstrap for gate drive #2
10
LS1ON
PWM1_L
Low-side gate control #1
11
HS1ON
PWM1_H
High-side gate control #1
12
LS2ON
PWM2_L
Low-side gate control #2
13
AGND
Analog GND
Analog GND
14
V5INT
Decoupling
Internal 5V regulator decoupling
15
SDATA
I2C Data
I2C data
16
SCLK
I2C Clock
I2C clock
17
V3P3
Decoupling
Internal 3.3V regulator decoupling
18
HS2ON
PWM2_H
High-side gate control #2
19
COMPOUT
Comparator
Comparator output
20
COMPN
Comparator
Comparator input (-)
21
COMPP
Comparator
Comparator input (+)
22
PGND
Power GND
Power GND
23
NC
No Connect
No Connect
24
PGND
Power GND
Power GND
25
VCC
Input power
Input power supply (main supply)
26
/SLEEP
Disable
Disable Pin (active low)
27
PGOOD
Output Signal
Power Good Status
28
VB1
Bootstrap
Bootstrap for gate drive #1


Similar Part No. - TS61001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
TS61001-QFNR SEMTECH-TS61001-QFNR Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

Similar Description - TS61001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
   Radiation Hardened Full Bridge N-Channel FET Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com