Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS55101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS55101
Description  High Efficiency 2A Li-Ion Battery Charger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS55101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS55101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
- 2 -
TS55101
Version 0.5
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
PRODUCT PREVIEW
PINOUT
TS55101
QFN16 4x4
Top/Symbolization View
PGND
PGND
VIN
GND
SW
SW
nFT
BOOT
Figure 1b: Package Pinout Diagram
PIN DESCRIPTION
Pin Symbol
Pin #
Function
Description
GND
1
Ground
Primary ground for the majority of the device except
the low-side power FET.
PGND
2
Power Ground
GND supply for internal low-side FET/integrated diode
PGND
3
Power Ground
GND supply for internal low-side FET/integrated diode
VIN
4
Input Voltage
Power Supply Input voltage
VIN
5
Input Voltage
Power Supply Input voltage
EN
6
Enable Input
Above 2.2V the device is enabled. GND the pin to
disable the device. Includes internal pull-up.
SDA
7
Data Input/Output
I2C data open-drain output.
SCL
8
Clock Input
I2C clock input.
nFLT
9
Inverted Fault
Open-drain output.
SW
10
Switching Voltage Node
Connected to 4.7uH (typical) inductor
SW
11
Switching Voltage Node
Connected to 4.7uH (typical) inductor
BOOT
12
Bootstrap Pin
Connected through 22nF capacitor to SW pin
VOUT
13
System Output Voltage
Positive input for the charge current loop.
VBAT
14
Battery Input
Regulator Feedback Input
VTHERM
15
Battery Temperature Sensor
Node for the thermistor which is located in close
proximity to the battery.
VDD
16
5.0V Supply Output
Connected to 100nF capacitor to GND


Similar Part No. - TS55101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555 Datasheet
84Kb / 12P
   LOW POWER SINGLE CMOS TIMERS
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
   LOW POWER SINGLE CMOS TIMER
TS555C STMICROELECTRONICS-TS555C Datasheet
84Kb / 12P
   LOW POWER SINGLE CMOS TIMERS
TS555C STMICROELECTRONICS-TS555C Datasheet
220Kb / 12P
   LOW POWER SINGLE CMOS TIMER
More results

Similar Description - TS55101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
Linear Technology
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com