Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7024 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # SLA7024
Description  HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7024 Datasheet(HTML) 1 Page - Allegro MicroSystems

  SLA7024 Datasheet HTML 1Page - Allegro MicroSystems SLA7024 Datasheet HTML 2Page - Allegro MicroSystems SLA7024 Datasheet HTML 3Page - Allegro MicroSystems SLA7024 Datasheet HTML 4Page - Allegro MicroSystems SLA7024 Datasheet HTML 5Page - Allegro MicroSystems SLA7024 Datasheet HTML 6Page - Allegro MicroSystems SLA7024 Datasheet HTML 7Page - Allegro MicroSystems SLA7024 Datasheet HTML 8Page - Allegro MicroSystems SLA7024 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The SLA7024M, SLA7026M, and SMA7029M are designed for
high-efficiency and high-performance operation of 2-phase, unipolar
stepper motors. An automated, innovative packaging technology
combined with power FETs and monolithic logic/control circuitry ad-
vances power multi-chip modules (PMCMs™) toward the complete
integration of motion control. Highly automated manufacturing tech-
niques provide low-cost and exceptionally reliable PMCMs suitable for
controlling and directly driving a broad range of 2-phase, unipolar
stepper motors. The three stepper motor multi-chip modules differ
primarily in output current ratings (1.5 A or 3.0 A) and package style.
All three PMCMs are rated for an absolute maximum limit of 46 V
and utilize advanced NMOS FETs for the high-current, high-voltage
driver outputs. The avalanche-rated (
≥100 V) FETs provide excellent
ON resistance, improved body diodes, and very-fast switching. The
multi-chip ratings and performance afford significant benefits and
advantages for stepper drives when compared to the higher dissipation
and slower switching speeds associated with bipolar transistors.
Normally, heat sinks are not required for the SLA7024M or SMA7029M.
The SLA7026M, in demanding, higher-current systems designs,
necessitates suitable heat transfer methods for reliable operation.
Complete applications information is given on the following pages.
PWM current is regulated by appropriately choosing current-sensing
resistors, a voltage reference, a voltage divider, and RC timing net-
works. The RC components limit the OFF interval and control current
decay. Inputs are compatible with 5 V logic and microprocessors.
BENEFITS AND FEATURES
s Cost-Effective, Multi-Chip Solution
s ‘Turn-Key’ Motion-Control Module
s Motor Operation to 3 A and 46 V
s 3rd Generation High-Voltage FETs
s 100 V, Avalanche-Rated NMOS
s Low r
DS(on) NMOS Outputs
s Advanced, Improved Body Diodes
s Single-Supply Motor/Module
Operation
SMA7029M
HIGH-CURRENT PWM, UNIPOLAR STEPPER
MOTOR CONTROLLER/DRIVERS
Always order by complete part number:
Part Number
Package
Output Current
SLA7024M
18-Lead Power-Tab SIP
1.5 A
SLA7026M
18-Lead Power-Tab SIP
3.0 A
SMA7029M
15-Lead SIP
1.5 A
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Load Supply Voltage, V
BB . . . . . . . . . . . . 46 V
FET Output Voltage, V
DS . . . . . . . . . . . 100 V
Control Supply Voltage, V
CC . . . . . . . . . . 46 V
Peak Output Current, I
OUTM (tw ≤ 100 µs)
SLA7024M . . . . . . . . . . . . . . . . . . . . . 3.0 A
SLA7026M . . . . . . . . . . . . . . . . . . . . . 5.0 A
SMA7029M . . . . . . . . . . . . . . . . . . . . 3.0 A
Continuous Output Current, I
OUT
SLA7024M . . . . . . . . . . . . . . . . . . . . . 1.5 A
SLA7026M . . . . . . . . . . . . . . . . . . . . . 3.0 A
SMA7029M . . . . . . . . . . . . . . . . . . . . 1.5 A
Input Voltage Range, V
IN . . . . -0.3 V to 7.0 V
Reference Voltage, V
REF . . . . . . . . . . . 2.0 V
Package Power Dissipation, P
D . See Graph
Junction Temperature, T
J . . . . . . . . .
+150
°C
Operating Temperature Range,
T
A . . . . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range,
T
stg . . . . . . . . . . . . . . . . . . -40°C to +150°C
s Half- or Full-Step Unipolar Drive
s High-Efficiency, High-Speed PWM
s Dual PWM Current Control (2-Phase)
s Programmable PWM Current Control
s Low Component Count PWM Drive
s Low Internal Power Dissipation
s Heat Sinking (Normally) Unnecessary
s Electrically Isolated Power Tab
s Logic IC- and
µP-Compatible Inputs
s Machine-Insertable Package
REFERENCE A
VREF
Dwg. PK-007
OUT A
OUTB
SENSEA
GROUND A
VREF
VCC
+
OUTA
OUTB
GROUND B
REFERENCE B
CNTRL SPLY
IN A
IN B
SENSE B
OFF DELAYA
OFF DELAY B
SLA7024M, SLA7026M,
AND
SMA7029M


Similar Part No. - SLA7024

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7024M SANKEN-SLA7024M Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7024M SANKEN-SLA7024M Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Similar Description - SLA7024

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com