Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515-I-P Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS515-I-P
Description  KEELOQ Code Hopping Decoder
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515-I-P Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS515-I-P Datasheet HTML 6Page - Microchip Technology HCS515-I-P Datasheet HTML 7Page - Microchip Technology HCS515-I-P Datasheet HTML 8Page - Microchip Technology HCS515-I-P Datasheet HTML 9Page - Microchip Technology HCS515-I-P Datasheet HTML 10Page - Microchip Technology HCS515-I-P Datasheet HTML 11Page - Microchip Technology HCS515-I-P Datasheet HTML 12Page - Microchip Technology HCS515-I-P Datasheet HTML 13Page - Microchip Technology HCS515-I-P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
HCS515
DS40183D-page 10
© 2002 Microchip Technology Inc.
4.2.3
COMMAND ACTIVATION TIMES
The command activation time (Table 4-1) is defined as
the maximum time the microcontroller has to wait for a
response from the decoder. The decoder will abort and
service the command request. The response time
depends on the state of the decoder when the Com-
mand mode is requested.
TABLE 4-1:
COMMAND ACTIVATION TIMES
4.2.4
DECODER COMMANDS
The command byte specifies the operation required by
the controlling microcontroller. Table 4-2 lists the com-
mands.
TABLE 4-2:
DECODER COMMANDS
Decoder State
Min
Max
While receiving transmissions
2.5 ms BPWMAX = 2.7 ms
During the validation of a received transmission
3 ms
During the update of the sync counters
40 ms
During learn
170 ms
Instruction
Command Byte
Operation
READ
F0 HEX
Read a byte from user EEPROM
WRITE
E1 HEX
Write a byte to user EEPROM
ACTIVATE_LRN
D2 HEX
Activate a learn sequence on the decoder
ERASE_ALL
C3 HEX
Activate an erase all function on the decoder
PROGRAM
B4 HEX
Program manufacturer’s code and configuration byte


Similar Part No. - HCS515-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS515-I-P MICROCHIP-HCS515-I-P Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS515-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
   KEELOQ Code Hopping Encoder
2002
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
   KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com