Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22206D107KAT2A Datasheet(PDF) 10 Page - AVX Corporation

Part # 22206D107KAT2A
Description  General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

22206D107KAT2A Datasheet(HTML) 10 Page - AVX Corporation

Back Button 22206D107KAT2A Datasheet HTML 6Page - AVX Corporation 22206D107KAT2A Datasheet HTML 7Page - AVX Corporation 22206D107KAT2A Datasheet HTML 8Page - AVX Corporation 22206D107KAT2A Datasheet HTML 9Page - AVX Corporation 22206D107KAT2A Datasheet HTML 10Page - AVX Corporation 22206D107KAT2A Datasheet HTML 11Page - AVX Corporation 22206D107KAT2A Datasheet HTML 12Page - AVX Corporation 22206D107KAT2A Datasheet HTML 13Page - AVX Corporation 22206D107KAT2A Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
65
General Description
Formulations – Multilayer ceramic capacitors are available
in both Class 1 and Class 2 formulations. Temperature
compensating formulation are Class 1 and temperature
stable and general application formulations are classified
as Class 2.
Class 1 – Class 1 capacitors or temperature compensating
capacitors are usually made from mixtures of titanates
where barium titanate is normally not a major part of the
mix. They have predictable temperature coefficients and
in general, do not have an aging characteristic. Thus they
are the most stable capacitor available. The most popular
Class 1 multilayer ceramic capacitors are C0G (NP0)
temperature compensating capacitors (negative-positive
0 ppm/°C).
Class 2 – EIA Class 2 capacitors typically are based on the
chemistry of barium titanate and provide a wide range of
capacitance values and temperature stability. The most
commonly used Class 2 dielectrics are X7R and Y5V. The
X7R provides intermediate capacitance values which vary
only ±15% over the temperature range of -55°C to 125°C. It
finds applications where stability over a wide temperature
range is required.
The Y5V provides the highest capacitance values and is
used in applications where limited temperature changes are
expected. The capacitance value for Y5V can vary from
22% to -82% over the -30°C to 85°C temperature range.
All Class 2 capacitors vary in capacitance value under the
influence of temperature, operating voltage (both AC and
DC), and frequency. For additional information on perfor-
mance changes with operating conditions, consult AVX’s
software, SpiCap.
Basic Construction – A multilayer ceramic (MLC) capaci-
tor is a monolithic block of ceramic containing two sets of
offset, interleaved planar electrodes that extend to two
opposite surfaces of the ceramic dielectric. This simple
structure requires a considerable amount of sophistication,
both in material and manufacture, to produce it in the quality
and quantities needed in today’s electronic equipment.
Ceramic Layer
Electrode
Terminated
Edge
Terminated
Edge
End Terminations
Margin
Electrodes
Multilayer Ceramic Capacitor
Figure 1


Similar Part No. - 22206D107KAT2A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
222066-2 TEC-222066-2 Datasheet
574Kb / 12P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
AVX Corporation
22206C104J4Z2A AVX-22206C104J4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
logo
Kyocera Kinseki Corpota...
22206C104J4Z2A KSS-22206C104J4Z2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
22206C104J4Z4A AVX-22206C104J4Z4A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
logo
Kyocera Kinseki Corpota...
22206C104J4Z4A KSS-22206C104J4Z4A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
More results

Similar Description - 22206D107KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com