Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G79GW125 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC1G79GW125
Description  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G79GW125 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G79GW125 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G79GW125 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74AHC_AHCT1G79_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2007
6 of 12
NXP Semiconductors
74AHC1G79; 74AHCT1G79
Single D-type flip-flop; positive-edge trigger
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf = ≤ 3.0 ns. For test circuit see Figure 6. For waveforms see Figure 5.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC1G79
tpd
propagation
delay
CP to Q
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.9
8.4
1.0
9.8
1.0
11.5
ns
CL = 50 pF
-
6.9
12.0
1.0
14.0
1.0
15.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.5
5.6
1.0
7.0
1.0
8.0
ns
CL = 50 pF
-
5.1
8.0
1.0
10.0
1.0
11.0
ns
tsu
set-up time
D to CP
3.0
1.0
-
3.0
-
4.0
-
ns
th
hold time
D to CP
+2.0
−1.0
-
2.0
-
3.0
-
ns
tW
pulse width
clock HIGH or LOW
3.0
-
-
3.0
-
4.0
-
ns
fmax
maximum
frequency
90
-
-
90
-
70
-
MHz
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[4]
-15-
-
-
-
-
pF
For type 74AHCT1G79
tpd
propagation
delay
CP to Q
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.5
5.0
1.0
6.0
1.0
8.0
ns
CL = 50 pF
-
5.0
8.0
1.0
10.0
1.0
11.0
ns
tsu
set-up time
D to CP
3.0
1.0
-
3.0
-
4.0
-
ns
th
hold time
D to CP
+2.0
−1.0
-
2.0
-
3.0
-
ns
tW
pulse width
clock HIGH or LOW
3.0
-
-
3.0
-
4.0
-
ns
fmax
maximum
frequency
90
-
-
90
-
70
-
MHz
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[4]
-16-
-
-
-
-
pF


Similar Part No. - 74AHC1G79GW125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G79GW PHILIPS-74AHC1G79GW Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
74AHC1G79GW NXP-74AHC1G79GW Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79GW NEXPERIA-74AHC1G79GW Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79GW-Q100 NEXPERIA-74AHC1G79GW-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHC1G79GW-Q100 NEXPERIA-74AHC1G79GW-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
More results

Similar Description - 74AHC1G79GW125

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com