Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22204D107MAT2A Datasheet(PDF) 7 Page - AVX Corporation

Part # 22204D107MAT2A
Description  General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

22204D107MAT2A Datasheet(HTML) 7 Page - AVX Corporation

Back Button 22204D107MAT2A Datasheet HTML 3Page - AVX Corporation 22204D107MAT2A Datasheet HTML 4Page - AVX Corporation 22204D107MAT2A Datasheet HTML 5Page - AVX Corporation 22204D107MAT2A Datasheet HTML 6Page - AVX Corporation 22204D107MAT2A Datasheet HTML 7Page - AVX Corporation 22204D107MAT2A Datasheet HTML 8Page - AVX Corporation 22204D107MAT2A Datasheet HTML 9Page - AVX Corporation 22204D107MAT2A Datasheet HTML 10Page - AVX Corporation 22204D107MAT2A Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
62
Tape Size
P1
E
2 Min.
F
W
A
0 B0
T
See Note 4
8mm
4.00 ± 0.10
6.25
3.50 ± 0.05
See Note 1
(0.157 ± 0.004)
(0.246)
(0.138 ± 0.002)
12mm
4.00 ± 0.010
10.25
5.50 ± 0.05
12.0 ± 0.30
(0.157 ± 0.004)
(0.404)
(0.217 ± 0.002)
(0.472 ± 0.012)
8mm
2.00 ± 0.05
6.25
3.50 ± 0.05
1/2 Pitch
(0.079 ± 0.002)
(0.246)
(0.138 ± 0.002)
12mm
8.00 ± 0.10
10.25
5.50 ± 0.05
12.0 ± 0.30
Double
(0.315 ± 0.004)
(0.404)
(0.217 ± 0.002)
(0.472 ± 0.012)
Pitch
Paper Carrier Configuration
8 & 12mm Tape Only
P0
B0
P1
P2
D0
T
TOP
COVER
TAPE
BOTTOM
COVER
TAPE
CENTER LINES
OF CAVITY
CAVITY SIZE
SEE NOTE 1
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
±0.20mm (±0.008)
E1
F
G
User Direction of Feed
E2
W
T1
T1
A0
8 & 12mm Paper Tape
Metric Dimensions Will Govern
CONSTANT DIMENSIONS
Tape Size
D
0
EP
0
P
2
T
1
G. Min.
R Min.
8mm
1.75 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.10
0.75
25.0 (0.984)
and
(0.069 ± 0.004) (0.157 ± 0.004) (0.079 ± 0.002)
(0.004)
(0.030)
See Note 2
12mm
Max.
Min.
Min.
VARIABLE DIMENSIONS
1.10mm
(0.043) Max.
for Paper Base
Tape and
1.60mm
(0.063) Max.
for Non-Paper
Base Compositions
NOTES:
1. The cavity defined by A0, B0, and T shall be configured to provide sufficient clearance
surrounding the component so that:
a) the component does not protrude beyond either surface of the carrier tape;
b) the component can be removed from the cavity in a vertical direction without
mechanical restriction after the top cover tape has been removed;
c) rotation of the component is limited to 20º maximum (see Sketches A & B);
d) lateral movement of the component is restricted to 0.5mm maximum
(see Sketch C).
2. Tape with or without components shall pass around radius “R” without damage.
3. Bar code labeling (if required) shall be on the side of the reel opposite the sprocket
holes. Refer to EIA-556.
4. If P1 = 2.0mm, the tape may not properly index in all tape feeders.
0.50mm (0.020)
Maximum
0.50mm (0.020)
Maximum
Top View, Sketch "C"
Component Lateral
1.50
+0.10
-0.0
(0.059
+0.004 )
-0.0
8.00
+0.30
-0.10
(0.315
+0.012 )
-0.004
8.00
+0.30
-0.10
(0.315
+0.012 )
-0.004
Bar Code Labeling Standard
AVX bar code labeling is available and follows latest version of EIA-556


Similar Part No. - 22204D107MAT2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2220 ETC1-2220 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Kemet Corporation
2220 KEMET-2220 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
2220 ETC2-2220 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
2220 ETC2-2220 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
logo
TEKTRONIX, INC.
2220 TEKTRONIX-2220 Datasheet
741Kb / 4P
   Multi-Channel USB and USB/GPIB Programmable DC Power Supplies
More results

Similar Description - 22204D107MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com