Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT273D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT273D
Description  Octal D-type flip-flop with reset; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT273D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT273D Datasheet HTML 2Page - NXP Semiconductors 74HCT273D Datasheet HTML 3Page - NXP Semiconductors 74HCT273D Datasheet HTML 4Page - NXP Semiconductors 74HCT273D Datasheet HTML 5Page - NXP Semiconductors 74HCT273D Datasheet HTML 6Page - NXP Semiconductors 74HCT273D Datasheet HTML 7Page - NXP Semiconductors 74HCT273D Datasheet HTML 8Page - NXP Semiconductors 74HCT273D Datasheet HTML 9Page - NXP Semiconductors 74HCT273D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 June 2013
6 of 21
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC273
74HCT273
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
-
+125
40
-
+125
C
t/V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC273
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = 4.0 mA; VCC = 4.5 V
3.98
4.32
-
3.84
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V
5.48
5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 20 A; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 A; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC =6.0 V
--
0.1
-
1-
1
A
ICC
supply current
VI = VCC or GND; IO =0A;
VCC =6.0 V
-
-
8.0
-
80
-
160
A


Similar Part No. - 74HCT273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT273D PHILIPS-74HCT273D Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
logo
Nexperia B.V. All right...
74HCT273D NEXPERIA-74HCT273D Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74HCT273D-Q100 NXP-74HCT273D-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74HCT273D-Q100 NEXPERIA-74HCT273D-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
logo
NXP Semiconductors
74HCT273DB PHILIPS-74HCT273DB Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
More results

Similar Description - 74HCT273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com