Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF.00.04 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMF.00.04
Description  ROD END BEARINGS & LINKAGES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMF.00.04 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMF.00.04 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMF.00.04 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
29
Fax: +44 (0)1992 509890
®
4
28°
16°
33°
38°
15°
33°
48°
14°
31°
58°
13°
30°
68°
13°
30°
88°
14°
25°
10
14°
25°
12
13°
25°
14
10°
16°
24°
16
15°
24°
18
15°
24°
20
15°
24°
22
10°
15°
23°
25
10°
15°
23°
30
11°
17°
24°
35
14°
23°
40
14°
22°
45
12°
22°
50
12°
22°
angles of misalignment
The angles of misalignment (
α) shown
are valid for all rod end and spherical
bearings.
The angle (
α) varies depending upon the
type of assembly. Table 3 indicates the
maximum angular misalignment possible
for the three assemblies encountered
most frequently. Angles shown are
rounded to the nearest whole number.
The formulæ shown in Table 4 may be
used to calculate the angle
α for other
types of assembly
NEOPRENE PROTECTIVE COVERS
Material : Neoprene, to NF T 46-018 Standard.
Temperature range : –30°C to +120°C
Good resistance to : oil, grease, chemical agents, sea water,
tropical climate
Not recommended for : permanent contact with rust agents.
Application where the ball is completely
rotated or where there are high
running speeds.
(
(
(
(
Size
Value of
α angle
Calculation formulæ
α2
α3
α1
Table 3
Table 4
α2
α3
α1
α1 = tan–1
– tan–1
W – H
D
()
α2 = cos–1 H
E)
O
W)
– sin–1
α3 = cos–1 H
E )
B
E )
WD
H
D
E
α
Order Code
Rod End Size
Protective Covers
SPR1
SPR2
SPR3
SPR4
Order Code
ØA
ØB
ØCD
E
α
Spacers
SBD 06
SBD 08
SBD 10
SBD 12
SBD 14
SBD 18
6 – 8
10 – 12
14 – 18
20 – 25
11
6
8.7
6
4
13°
12
8
10.3
6
4
14°
14
10
12.5
6
4
14°
17
12
15
8
6
13°
19
14
16.8
8
6
16°
25
18
21.8
8
6
15°


Similar Part No. - SMF.00.04

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMF SOCAY-SMF Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
   200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
   200W Transient Voltage Suppressor
01.06.2018
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
   SOD 123FL Plastic-Encapsulate Diodes
More results

Similar Description - SMF.00.04

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Schneider Electric
AV-321 SCHNEIDER-AV-321 Datasheet
186Kb / 4P
   Gear Train Actuator Valve Linkages General Instructions
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
   Tie rod
7/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com