Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULS-2066H Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ULS-2066H
Description  1.25 A QUAD DARLINGTON SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ULS-2066H Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ULS-2066H Datasheet HTML 4Page - Allegro MicroSystems ULS-2066H Datasheet HTML 5Page - Allegro MicroSystems ULS-2066H Datasheet HTML 6Page - Allegro MicroSystems ULS-2066H Datasheet HTML 7Page - Allegro MicroSystems ULS-2066H Datasheet HTML 8Page - Allegro MicroSystems ULS-2066H Datasheet HTML 9Page - Allegro MicroSystems ULS-2066H Datasheet HTML 10Page - Allegro MicroSystems ULS-2066H Datasheet HTML 11Page - Allegro MicroSystems ULS-2066H Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image


Similar Part No. - ULS-2066H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULS-2064H ETC2-ULS-2064H Datasheet
2Mb / 128P
   SELECTION GUIDE TO HIGH-VOLTAGE/HIGH-CURRENT
ULS-2065H ETC2-ULS-2065H Datasheet
2Mb / 128P
   SELECTION GUIDE TO HIGH-VOLTAGE/HIGH-CURRENT
More results

Similar Description - ULS-2066H

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
List of Unclassifed Man...
ULN-2061M ETC2-ULN-2061M Datasheet
3Mb / 163P
   1.5A DARLINGTON SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com