Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG.00.16 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SMG.00.16
Description  ROD END BEARINGS & LINKAGES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMG.00.16 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SMG.00.16 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMG.00.16 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MALE ROD ENDS
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Series :
50 Standard - High Performance Model
Requires Lubrication
SMG.50.05
SMG.50.06
SMG.50.08
SMG.50.10
SMG.50.12
SMG.50.14
SMG.50.16
SMG.50.18
• High performance
• Magnaflux control
For left-handed threads, please add the suffix “L” to the order
code e.g., SMG.50.08.L.
The letter ‘G’ in the order code indicates that a lubrication
nipple is fitted.
W
M
H
D
32
Tel: +44 (0)1992 509888
®
4
*bore of ball is 2mm less than diameter of the thread
Materials:
Housing: High performance 34 Cr Ni Mo 6 steel, carbonised and oiled
Ball:
Hardened ground, polished hard chrome plated 100 Cr6 ball bearing steel
Inserts:
Stainless steel x 10 Cr Ni S 189
Manufactured with reduced play and Magnaflux control
05
8.1
M5
× 0.8
20
5
16
33
41
6
7.71
8
11.11
12
06
11.2
M6
× 1
22
6
18
36
45
6.75
8.96
9
12.70
18
08
20.6
M8
× 1.25
25
8
22
42
53
9
10.40
12
15.88
35
10
31.4
M10
× 1.5
29
10
26
48
61
10.5
12.92
14
19.05
57
12
39.2
M12
× 1.75
33
12
30
54
69
12
15.43
16
22.23
87
14
48.1
M14
× 2
36
14
34
60
77
13.5
16.86
19
25.40
120
16
58.9
M16
× 2
40
16
38
66
85
15
19.39
21
28.58
170
18
70.6
M18
× 1.5
44
18
42
72
93
16.5
21.89
23
31.75
240
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Series :
51 High Performance Model - Fine Thread Series
Requires Lubrication
SMG.51.05
SMG.51.06
SMG.51.08
SMG.51.10
SMG.51.12
SMG.51.14
SMG.51.16
05
8.1
M5
× 0.5
20
5
16
33
41
6
7.71
8
11.11
12
06
11.2
M6
× 0.75
22
6
18
36
45
6.75
8.96
9
12.70
18
08
20.6
M8
× 1
25
8
22
42
53
9
10.40
12
15.88
35
10
31.4
M10
× 1
29
10
26
48
61
10.5
12.92
14
19.05
57
12
39.2
M12
× 1.5
33
12
30
54
69
12
15.43
16
22.23
87
14
48.1
M14
× 1.5
36
14
34
60
77
13.5
16.86
19
25.40
120
16
58.9
M16
× 1.5
40
16
38
66
85
15
19.39
21
28.58
170
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Series :
52 High Performance Model - Small Bore Ball/Fine Threads*
Requires Lubrication
SMG.52.10
SMG.52.12
SMG.52.14
SMG.52.16
SMG.52.18
10
31.4
M10
× 1
29
8
26
48
61
10.5
12.92
14
19.05
62
12
39.2
M12
× 1.5
33
10
30
54
69
12
15.43
16
22.23
90
14
48.1
M14
× 1.5
36
12
34
60
77
13.5
16.86
19
25.40
130
16
58.9
M16
× 1.5
40
14
38
66
85
15
19.39
21
28.58
185
18
70.6
M18
× 1.5
44
16
42
72
93
16.5
21.89
23
31.7
250


Similar Part No. - SMG.00.16

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SMG-CLD-M2 DOMINANT-SMG-CLD-M2 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-M2N-1 DOMINANT-SMG-CLD-M2N-1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N1 DOMINANT-SMG-CLD-N1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N2 DOMINANT-SMG-CLD-N2 Datasheet
217Kb / 8P
   AlInGaP MSpice
logo
SanRex Corporation
SMG04C60 SANREX-SMG04C60 Datasheet
56Kb / 2P
   THYRISTOR
More results

Similar Description - SMG.00.16

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Schneider Electric
AV-321 SCHNEIDER-AV-321 Datasheet
186Kb / 4P
   Gear Train Actuator Valve Linkages General Instructions
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
   Tie rod
7/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com