Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T356B105M035AS Datasheet(PDF) 4 Page - Kemet Corporation

Part # T356B105M035AS
Description  TANTALUM DIPPED / RADIAL ??POLAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T356B105M035AS Datasheet(HTML) 4 Page - Kemet Corporation

  T356B105M035AS Datasheet HTML 1Page - Kemet Corporation T356B105M035AS Datasheet HTML 2Page - Kemet Corporation T356B105M035AS Datasheet HTML 3Page - Kemet Corporation T356B105M035AS Datasheet HTML 4Page - Kemet Corporation T356B105M035AS Datasheet HTML 5Page - Kemet Corporation T356B105M035AS Datasheet HTML 6Page - Kemet Corporation T356B105M035AS Datasheet HTML 7Page - Kemet Corporation T356B105M035AS Datasheet HTML 8Page - Kemet Corporation T356B105M035AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
20 VOLT RATING AT 85°C —
13 VOLT RATING AT 125°C
1.0
A
T35(1)A105(3)020A(4)
0.5
5
0.5
3
1.2
A
T35(1)A125(3)020A(4)
0.5
5
1.5
A
T35(1)A155(3)020A(4)
0.5
5
1.8
A
T35(1)A185(3)020A(4)
0.5
5
2.2
A
T35(1)A225(3)020A(4)
0.5
5
2.7
B
T35(1)B275(3)020A(4)
0.5
5
3.3
B
T35(1)B335(3)020A(4)
0.5
5
3.9
C
T35(1)C395(3)020A(4)
0.6
5
4.7
C
T35(1)C475(3)020A(4)
0.8
5
5.6
D
T35(1)D565(3)020A(4)
0.9
5
6.8
D
T35(1)D685(3)020A(4)
1.1
5
8.2
E
T35(1)E825(3)020A(4)
1.3
6
10.0
E
T35(1)E106(3)020A(4)
1.6
6
12.0
F
T35(1)F126(3)020A(4)
1.9
6
1.9
6
15.0
F
T35(1)F156(3)020A(4)
2.4
6
18.0
G
T35(1)G186(3)020A(4)
2.9
6
22.0
G
T35(1)G226(3)020A(4)
3.5
6
27.0
J
T35(2)J276(3)020A(4)
4.3
6
33.0
J
T35(2)J336(3)020A(4)
5.3
6
39.0
K
T35(2)K396(3)020A(4)
6.2
6
47.0
K
T35(2)K476(3)020A(4)
7.5
6
56.0
L
T35(2)L566(3)020A(4)
9.0
6
68.0
L
T35(2)L686(3)020A(4) 10.0
6
82.0
M
T35(2)M826(3)020A(4) 10.0
8
100.0
M
T35(2)M107(3)020A(4) 10.0
8
25 VOLT RATING AT 85°C —
16.5 VOLT RATING AT 125°C
1.0
A
T35(1)A105(3)025A(4)
0.5
5
1.2
A
T35(1)A125(3)025A(4)
0.5
5
1.5
A
T35(1)A155(3)025A(4)
0.5
5
1.8
A
T35(1)A185(3)025A(4)
0.5
5
2.2
B
T35(1)B225(3)025A(4)
0.5
5
2.7
B
T35(1)B275(3)025A(4)
0.5
5
3.3
B
T35(1)B335(3)025A(4)
0.7
5
3.9
C
T35(1)C395(3)025A(4)
0.8
5
4.7
C
T35(1)C475(3)025A(4)
0.9
5
5.6
E
T35(1)E565(3)025A(4)
1.1
5
6.8
E
T35(1)E685(3)025A(4)
1.4
5
8.2
E
T35(1)E825(3)025A(4)
1.6
6
10.0
E
T35(1)E106(3)025A(4)
2.0
6
12.0
G
T35(1)G126(3)025A(4)
2.4
6
15.0
GT35(1)G156(3)025A(4)
3.0
6
18.0
H
T35(1)H186(3)025A(4)
3.6
6
22.0
H
T35(1)H226(3)025A(4)
4.4
6
27.0
J
T35(2)J276(3)025A(4)
5.4
6
33.0
J
T35(2)J336(3)025A(4)
6.6
6
39.0
K
T35(2)K396(3)025A(4)
7.8
6
47.0
K
T35(2)K476(3)025A(4)
9.4
6
56.0
L
T35(2)L566(3)025A(4)
10.0
6
68.0
L
T35(2)L686(3)025A(4)
10.0
6
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
10 VOLT RATING AT 85°C —
7 VOLT RATING AT 125°C
2.2
A
T35(1)A225(3)010A(4)
0.5
5
2.7
A
T35(1)A275(3)010A(4)
0.5
5
3.3
A
T35(1)A335(3)010A(4)
0.5
5
3.9
A
T35(1)A395(3)010A(4)
0.5
5
4.7
A
T35(1)A475(3)010A(4)
0.5
5
5.6
B
T35(1)B565(3)010A(4)
0.5
5
6.8
B
T35(1)B685(3)010A(4)
0.5
5
8.2
C
T35(1)C825(3)010A(4)
0.7
6
10.0
C
T35(1)C106(3)010A(4)
0.8
6
12.0
E
T35(1)E126(3)010A(4)
1.0
6
15.0
E
T35(1)E156(3)010A(4)
1.2
6
18.0
E
T35(1)E186(3)010A(4)
1.4
6
22.0
E
T35(1)E226(3)010A(4)
1.8
6
27.0
F
T35(1)F276(3)010A(4)
2.2
6
33.0
F
T35(1)F336(3)010A(4)
2.6
6
39.0
G
T35(1)G396(3)010A(4)
3.1
6
47.0
H
T35(1)H476(3)010A(4)
3.8
6
56.0
H
T35(1)H566(3)010A(4)
4.5
6
68.0
H
T35(1)H686(3)010A(4)
5.4
6
82.0
J
T35(2)J826(3)010A(4)
6.6
8
100.0
J
T35(2)J107(3)010A(4)
8.0
8
120.0
K
T35(2)K127(3)010A(4)
9.6
8
150.0
K
T35(2)K157(3)010A(4) 10.0
8
180.0
L
T35(2)L187(3)010A(4) 10.0
8
220.0
L
T35(2)L227(3)010A(4) 10.0
8
16 VOLT RATING AT 85°C —
10 VOLT RATING AT 125°C
1.5
A
T35(1)A155(3)016A(4)
0.5
5
1.8
A
T35(1)A185(3)016A(4)
0.5
5
2.2
A
T35(1)A225(3)016A(4)
0.5
5
2.7
A
T35(1)A275(3)016A(4)
0.5
5
3.3
A
T35(1)A335(3)016A(4)
0.5
5
3.9
B
T35(1)B395(3)016A(4)
0.5
5
4.7
B
T35(1)B475(3)016A(4)
0.6
5
5.6
C
T35(1)C565(3)016A(4)
0.7
5
6.8
C
T35(1)C685(3)016A(4)
0.9
5
8.2
E
T35(1)E825(3)016A(4)
1.0
6
10.0
E
T35(1)E106(3)016A(4)
1.3
6
12.0
E
T35(1)E126(3)016A(4)
1.5
6
15.0
E
T35(1)E156(3)016A(4)
1.8
6
18.0
F
T35(1)F186(3)016A(4)
2.2
6
22.0
F
T35(1)F226(3)016A(4)
2.6
6
27.0
H
T35(1)H276(3)016A(4)
3.2
6
33.0
H
T35(1)H336(3)016A(4)
4.0
6
39.0
J
T35(2)J396(3)016A(4)
4.7
6
47.0
J
T35(2)J476(3)016A(4)
5.6
6
56.0
K
T35(2)K566(3)016A(4)
6.8
6
68.0
K
T35(2)K686(3)016A(4)
8.2
6
82.0
L
T35(2)L826(3)016A(4)
9.8
8
100.0
L
T35(2)L107(3)016A(4) 10.0
8
120.0
M
T35(2)M127(3)016A(4) 10.0
8
150.0
M
T35(2)M157(3)016A(4) 10.0
8
TANTALUM DIPPED / RADIAL — POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES “ULTRADIP II”
64
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
T35X
RATINGS AND PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Series Designation as follows: “0” = T350, “1” = T351, “2” = T352, “3” = T353, “4” = T354, “5” = T355, “6” = T356.
(2) To complete KEMET Part Number, insert only Series Designation as follows: “0” = T350, “3” = T353, “4” = T354, “6” = T356.
(3) To complete KEMET Part Number, insert Capacitance Tolerance Symbol: “M” = ±20%, “K” = ±10%.
(4) To complete KEMET Part Number, insert Lead Material Designation as follows: S = Sn/Pb (tin/lead) and T = 100% Sn (tin).
NOTE: Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’s option.


Similar Part No. - T356B105M035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T356B105M035AS KEMET-T356B105M035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T356B105M035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com