Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG.10.10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SMG.10.10
Description  ROD END BEARINGS & LINKAGES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMG.10.10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SMG.10.10 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 12Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 13Page - List of Unclassifed Manufacturers SMG.10.10 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Order Code
Series :
Uniflon®E (Max Speed 6m/min)
Self-Lubricating
SME.00.03
SME.00.04
SME.00.05
SME.00.06
SME.00.08
SME.00.10
SME.00.12
SME.00.14
SME.00.16
SME.00.18
SME.00.20
SME.00.22
SME.00.25
SME.00.30
Series :
40 Uniflon®E High Strength - Tight Bearing Fit
Self-Lubricating
SME.40.05
SME.40.06
SME.40.08
SME.40.10
SME.40.12
SME.40.14
SME.40.16
SME.40.18
SME.40.20
SME.40.22
SME.40.25
SME.40.30
05
5.30
M5
× 0.8
20
5
16
33
41
6
7.71
8
11.11
12
06
7.50
M6
× 1
22
6
18
36
45
6.75
8.96
9
12.70
18
08
10.30
M8
× 1.25
25
8
22
42
53
9
10.40
12
15.88
35
10
19.60
M10
× 1.5
29
10
26
48
61
10.5
12.92
14
19.05
57
12
25.60
M12
× 1.75
33
12
30
54
69
12
15.43
16
22.23
87
14
31.70
M14
× 2
36
14
34
60
77
13.5
16.86
19
25.40
120
16
38.50
M16
× 2
40
16
38
66
85
15
19.39
21
28.58
170
18
45.30
M18
× 1.5
44
18
42
72
93
16.5
21.89
23
31.75
240
20
52.80
M20
× 1.5
47
20
46
78
101
18
24.38
25
34.92
320
22
63.40
M22
× 1.5
51
22
50
84
109
20
25.84
28
38.10
420
25
77.00
M24
× 2
57
25
56
94
122
22
29.60
31
42.85
580
30
102.70
M30
× 2
66
30
66
110
143
25
34.80
37
50.80
980
34
Tel: +44 (0)1992 509888
®
4
MALE ROD ENDS
Uniflon liners between the ball and race eliminate the need for
lubication.
For left-handed threads, please add the suffix “L” to the order
code e.g., SME.40.06.L.
W
M
H
D
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Sizes and ratings as Uniflon®E Series
To specify VV series, change order code to SMV, eg SMV.00.08
Materials:
Housing: Sizes 3 - 12 - C35 Pb steel, zinc plated and passivated
Sizes 14 - 30 - C35 steel, zinc plated and passivated
Ball:
Hardened ground, polished 100 Cr6 ball bearing steel
Inserts:
Sizes 3 - 16 - Cu Zu 40 Mn Pb bronze, Uniflon E or Uniflon VV
Sizes 14 - 30 - Cu Zu 40 Pb 3 bronze, Uniflon E or Uniflon VV
Materials:
Housing: C45 treated steel, zinc plated and yellow passivated
Ball:
Hardened ground, polished 100 Cr6 ball bearing steel
Rack:
C35 Pb steel, zinc plated and passivated Uniflon®E
Series :
Uniflon®VV (Max Speed 8m/min)
Self-Lubricating
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
03
0.90
M3
× 0.5
15
3
12
27
33
4.5
5.18
6
7.93
5
04
1.50
M4
× 0.7
18
4
14
30
37
5.25
6.46
7
9.52
9
05
2.60
M5
× 0.8
20
5
16
33
41
6
7.71
8
11.11
12
06
3.70
M6
× 1
22
6
18
36
45
6.75
8.96
9
12.70
18
08
6.40
M8
× 1.25
25
8
22
42
53
9
10.40
12
15.88
35
10
9.70
M10
× 1.5
29
10
26
48
61
10.5
12.92
14
19.05
57
12
12.80
M12
× 1.75
33
12
30
54
69
12
15.43
16
22.23
87
14
15.80
M14
× 2
36
14
34
60
77
13.5
16.86
19
25.40
120
16
19.20
M16
× 2
40
16
38
66
85
15
19.39
21
28.58
170
18
22.60
M18
× 1.5
44
18
42
72
93
16.5
21.89
23
31.75
240
20
26.40
M20
× 1.5
47
20
46
78
101
18
24.38
25
34.92
320
22
31.70
M22
× 1.5
51
22
50
84
109
20
25.84
28
38.10
420
25
38.50
M24
× 2
57
25
56
94
122
22
29.60
31
42.85
580
30
51.30
M30
× 2
66
30
66
110
143
25
34.80
37
50.80
980


Similar Part No. - SMG.10.10

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SMG-CLD-M2 DOMINANT-SMG-CLD-M2 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-M2N-1 DOMINANT-SMG-CLD-M2N-1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N1 DOMINANT-SMG-CLD-N1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N2 DOMINANT-SMG-CLD-N2 Datasheet
217Kb / 8P
   AlInGaP MSpice
logo
SanRex Corporation
SMG04C60 SANREX-SMG04C60 Datasheet
56Kb / 2P
   THYRISTOR
More results

Similar Description - SMG.10.10

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Schneider Electric
AV-321 SCHNEIDER-AV-321 Datasheet
186Kb / 4P
   Gear Train Actuator Valve Linkages General Instructions
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
   Tie rod
7/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com