Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7303BN Datasheet(PDF) 4 Page - Analog Devices

Part # AD7303BN
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303BN Datasheet(HTML) 4 Page - Analog Devices

  AD7303BN Datasheet HTML 1Page - Analog Devices AD7303BN Datasheet HTML 2Page - Analog Devices AD7303BN Datasheet HTML 3Page - Analog Devices AD7303BN Datasheet HTML 4Page - Analog Devices AD7303BN Datasheet HTML 5Page - Analog Devices AD7303BN Datasheet HTML 6Page - Analog Devices AD7303BN Datasheet HTML 7Page - Analog Devices AD7303BN Datasheet HTML 8Page - Analog Devices AD7303BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7303
–4–
REV. 0
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Reference Input Voltage to GND . . . .
–0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
VOUT A, VOUT B to GND . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (B Version) . . . . . . . . . . . . . –40
°C to +105°C
Storage Temperature Range
. . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 800 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 117
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +260
°C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7303 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATIONS
(DIP, SOIC and microSOIC)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD7303
VOUT A
SCLK
DIN
SYNC
VOUT B
VDD
GND
REF
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1VOUT A
Analog Output Voltage from DAC A. The output amplifier swings rail to rail on its output.
2VDD
Power Supply Input. These parts can be operated from +2.7 V to +5.5 V and should be decoupled to GND.
3
GND
Ground reference point for all circuitry on the part.
4
REF
External Reference Input. This can be used as the reference for both DACs, and is selected by setting the
INT
/EXT bit in the control register to a logic one. The range on this reference input is 1 V to VDD/2. When
the internal reference is selected, this voltage will appear as an output for decoupling purposes at the REF Pin.
When using the internal reference, external voltages should not be connected to the REF Pin, see Figure 21.
5
SCLK
Serial Clock. Logic Input. Data is clocked into the input shift register on the rising edge of the serial clock
input. Data can be transferred at rates up to 30 MHz.
6
DIN
Serial Data Input. This device has a 16-bit shift register, 8 bits for data and 8 bits for control. Data is clocked
into the register on the rising edge of the clock input.
7
SYNC
Level Triggered Control Input (active low). This is the frame synchronization signal for the input data. When
SYNC
goes low, it enables the input shift register and data is transferred in on the rising edges of the following
clocks. The rising edge of the SYNC causes the relevant registers to be updated.
8VOUT B
Analog output voltage from DAC B. The output amplifier swings rail to rail on its output.
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 157
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
MicroSOIC Package, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 206
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Similar Part No. - AD7303BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303BN AD-AD7303BN Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BN AD-AD7303BN Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BN AD-AD7303BN Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7303BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com