Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K050R0100 Datasheet(PDF) 7 Page - AVX Corporation

Part # TPSC107K050R0100
Description  Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K050R0100 Datasheet(HTML) 7 Page - AVX Corporation

Back Button TPSC107K050R0100 Datasheet HTML 3Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 4Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 5Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 6Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 7Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 8Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 9Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 10Page - AVX Corporation TPSC107K050R0100 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
52
I SEPTEMBER 2013
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD337*010#0065
D
330
10
33
8
65
1
1.519
1.367
0.608
0.099
0.089
0.039
TPSD337*010#0100
D
330
10
33
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD337*010#0150
D
330
10
33
8
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSE337*010#0040
E
330
10
33
8
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSE337*010#0050
E
330
10
33
8
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE337*010#0060
E
330
10
33
8
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE337*010#0100
E
330
10
33
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV337*010#0040
V
330
10
33
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV337*010#0060
V
330
10
33
10
60
1
1)
2.041
1.837
0.816
0.122
0.110
0.049
TPSV337*010#0100
V
330
10
33
10
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSE477*010#0045
E
470
10
47
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE477*010#0050
E
470
10
47
10
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE477*010#0060
E
470
10
47
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE477*010#0100
E
470
10
47
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE477*010#0200
E
470
10
47
10
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV477*010#0040
V
470
10
47
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV477*010#0060
V
470
10
47
10
60
1
1)
2.041
1.837
0.816
0.122
0.110
0.049
TPSV477*010#0100
V
470
10
47
10
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
16 Volt @ 85ºC (10 Volt @ 125ºC)
TPSA105*016#6200
A
1
16
0.5
4
6200
1
0.110
0.099
0.044
0.682
0.614
0.273
TPSA225*016#1800
A
2.2
16
0.5
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSA225*016#3500
A
2.2
16
0.5
6
3500
1
0.146
0.132
0.059
0.512
0.461
0.205
TPST225*016#2000
T
2.2
16
0.5
6
2000
1
0.200
0.180
0.080
0.400
0.360
0.160
TPSA335*016#3500
A
3.3
16
0.5
6
3500
1
0.146
0.132
0.059
0.512
0.461
0.205
TPSB335*016#2500
B
3.3
16
0.5
6
2500
1
0.184
0.166
0.074
0.461
0.415
0.184
TPSA475*016#2000
A
4.7
16
0.8
6
2000
1
0.194
0.174
0.077
0.387
0.349
0.155
TPSB475*016#0800
B
4.7
16
0.8
6
800
1
0.326
0.293
0.130
0.261
0.235
0.104
TPSB475*016#1500
B
4.7
16
0.8
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSA685*016#1500
A
6.8
16
1.1
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSB685*016#0600
B
6.8
16
1.1
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSB685*016#1200
B
6.8
16
1.1
6
1200
1
0.266
0.240
0.106
0.319
0.287
0.128
TPSA106*016#1000
A
10
16
1.6
6
1000
1
0.274
0.246
0.110
0.274
0.246
0.110
TPSB106*016#0500
B
10
16
1.6
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB106*016#0800
B
10
16
1.6
6
800
1
0.326
0.293
0.130
0.261
0.235
0.104
TPSC106*016#0500
C
10
16
1.6
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPST106*016#0800
T
10
16
1.6
8
800
1
0.316
0.285
0.126
0.253
0.228
0.101
TPST106*016#1000
T
10
16
1.6
8
1000
1
0.283
0.255
0.113
0.283
0.255
0.113
TPSW106*016#0500
W
10
16
1.6
6
500
1
0.424
0.382
0.170
0.212
0.191
0.085
TPSW106*016#0600
W
10
16
1.6
6
600
1
0.387
0.349
0.155
0.232
0.209
0.093
TPSB156*016#0500
B
15
16
2.4
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB156*016#0800
B
15
16
2.4
6
800
1
0.326
0.293
0.130
0.261
0.235
0.104
TPSC156*016#0700
C
15
16
2.4
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB226*016#0400
B
22
16
3.5
6
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSB226*016#0600
B
22
16
3.5
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSC226*016#0150
C
22
16
3.5
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC226*016#0250
C
22
16
3.5
6
250
1
0.663
0.597
0.265
0.166
0.149
0.066
TPSC226*016#0300
C
22
16
3.5
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSC226*016#0375
C
22
16
3.5
6
375
1
0.542
0.487
0.217
0.203
0.183
0.081
TPSD226*016#0700
D
22
16
3.5
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSW226*016#0500
W
22
16
3.5
6
500
1
0.424
0.382
0.170
0.212
0.191
0.085
TPSB336*016#0350
B
33
16
5.3
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB336*016#0500
B
33
16
5.3
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSC336*016#0100
C
33
16
5.3
6
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSC336*016#0150
C
33
16
5.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC336*016#0225
C
33
16
5.3
6
225
1
0.699
0.629
0.280
0.157
0.142
0.063
TPSC336*016#0300
C
33
16
5.3
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSD336*016#0200
D
33
16
5.3
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSW336*016#0140
W
33
16
5.3
6
140
1
0.802
0.722
0.321
0.112
0.101
0.045
TPSW336*016#0175
W
33
16
5.3
6
175
1
0.717
0.645
0.287
0.125
0.113
0.050
TPSW336*016#0250
W
33
16
5.3
6
250
1
0.600
0.540
0.240
0.150
0.135
0.060
TPSW336*016#0400
W
33
16
5.3
6
400
1
0.474
0.427
0.190
0.190
0.171
0.076
TPSW336*016#0500
W
33
16
5.3
6
500
1
0.424
0.382
0.170
0.212
0.191
0.085
TPSY336*016#0300
Y
33
16
5.3
6
300
1
1)
0.645
0.581
0.258
0.194
0.174
0.077
TPSY336*016#0400
Y
33
16
5.3
6
400
1
1)
0.559
0.503
0.224
0.224
0.201
0.089
TPSC476*016#0110
C
47
16
7.5
6
110
1
1.000
0.900
0.400
0.110
0.099
0.044
TPSC476*016#0350
C
47
16
7.5
6
350
1
0.561
0.505
0.224
0.196
0.177
0.078
TPSD476*016#0080
D
47
16
7.5
6
80
1
1.369
1.232
0.548
0.110
0.099
0.044
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TPSC107K050R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K050R0100 AVX-TPSC107K050R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K050R0100 AVX-TPSC107K050R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K050R0100 AVX-TPSC107K050R0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K050R0100 AVX-TPSC107K050R0100 Datasheet
146Kb / 11P
   Low ESR
TPSC107K050R0100 AVX-TPSC107K050R0100 Datasheet
146Kb / 11P
   Low ESR
More results

Similar Description - TPSC107K050R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
TPSA106K010R1800 AVX-TPSA106K010R1800 Datasheet
169Kb / 12P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com