Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8557ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8557ARZ
Description  Digitally Programmable Sensor Signal Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8557ARZ Datasheet HTML 5Page - Analog Devices AD8557ARZ Datasheet HTML 6Page - Analog Devices AD8557ARZ Datasheet HTML 7Page - Analog Devices AD8557ARZ Datasheet HTML 8Page - Analog Devices AD8557ARZ Datasheet HTML 9Page - Analog Devices AD8557ARZ Datasheet HTML 10Page - Analog Devices AD8557ARZ Datasheet HTML 11Page - Analog Devices AD8557ARZ Datasheet HTML 12Page - Analog Devices AD8557ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8557
Rev. C | Page 9 of 24
1000
10
03.0
VCLAMP VOLTAGE (V)
0.5
1.5
1.0
2.0
2.5
100
+25°C
+125°C
–40°C
VSY = 2.7V
Figure 16. VCLAMP Current over Temperature at VSY = 2.7 V
vs. VCLAMP Voltage
2.0
0
06
5
VSY (V)
1
234
1.5
1.0
0.5
Figure 17. Supply Current (ISY) vs. Supply Voltage
3.0
0
TEMPERATURE (°C)
2.0
1.5
1.0
0.5
2.5
–50
175
–25
0
25
50
75
100
125
150
ISY 5V
ISY 2.7V
Figure 18. Supply Current (ISY) vs. Temperature
120
0
0.1
1000
FREQUENCY (kHz)
1
10
100
100
80
60
40
20
HIGH GAIN +1300
LOW GAIN +28
Figure 19. CMRR vs. Frequency, VSY = 5 V
120
0
0.1
1000
FREQUENCY (kHz)
1
10
100
100
80
60
40
20
HIGH GAIN +1300
LOW GAIN +28
Figure 20. CMRR vs. Frequency, VSY = 2.7 V
150
10
–50
175
TEMPERATURE (°C)
130
110
90
70
50
30
–25
0
25
50
75
100
125
150
CMRR GAIN +28
CMRR GAIN +1300
CMRR GAIN +448
Figure 21. CMRR vs. Temperature at Different Gains, VSY = 5 V


Similar Part No. - AD8557ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ-REEL AD-AD8557ARZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ-REEL AD-AD8557ARZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
More results

Similar Description - AD8557ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com