Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2151WG-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2151WG-7
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151WG-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2151WG-7 Datasheet HTML 1Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 2Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 3Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 4Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 5Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 6Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 7Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 8Page - Diodes Incorporated AP2151WG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AP2141/AP2151
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2141/AP2151 Rev. 6
5 of 19
JUNE 2009
DS31562
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25°C, VIN = +5.0V, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VUVLO
Input UVLO
Rload=1kΩ
1.6
1.9
2.5
V
ISHDN
Input Shutdown Current
Disabled, IOUT= 0
0.5
1
μA
IQ
Input Quiescent Current
Enabled, IOUT= 0
45
70
μA
ILEAK
Input Leakage Current
Disabled, OUT grounded
1
μA
IREV
Reverse Leakage Current
Disabled, VIN= 0V, VOUT= 5V, IREV at VIN
1
μA
RDS(ON)
Switch on-resistance
VIN = 5V,
IOUT= 0.5A
TA = 25°C
SOT25, MSOP-8L-EP,
SOP-8L
95
115
m
DFN2018-6
90
110
-40
°C ≤ T
A ≤ 85°C
140
VIN = 3.3V,
IOUT= 0.5A
TA = 25°C
120
140
-40
°C ≤ T
A ≤ 85°C
170
ISHORT
Short-Circuit Current Limit
Enabled into short circuit, CL=22μF
0.6
A
ILIMIT
Over-Load Current Limit
VIN= 5V, VOUT= 4.8V, CL=22μF, -40°C ≤ TA ≤85°C
0.6
0.8
1.0
A
ITrig
Current limiting trigger
threshold
Output Current Slew rate (<100A/s) , CL=22μF
1.0
A
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.8
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
2
V
ISINK
EN Input leakage
VEN = 5V
1
μA
TD(ON)
Output turn-on delay time
CL=1μF, Rload=10Ω
0.05
ms
TR
Output turn-on rise time
CL=1μF, Rload=10Ω
0.6
1.5
ms
TD(OFF)
Output turn-off delay time
CL=1μF, Rload=10Ω
0.01
ms
TF
Output turn-off fall time
CL=1μF, Rload=10Ω
0.05
0.1
ms
RFLG
FLG output FET on-resistance IFLG =10mA
20
40
TBlank
FLG blanking time
CIN=10uF, CL=22μF
4
7
15
ms
TSHDN
Thermal Shutdown Threshold Enabled, Rload=1kΩ
140
°C
THYS
Thermal Shutdown Hysteresis
25
°C
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 4)
110
oC/W
MSOP-8L-EP (Note 5)
60
oC/W
SOT25 (Note 6)
157
oC/W
DFN2018-6 (Note 7)
70
oC/W
Notes:
4. Test condition for SOP-8L: Device mounted on FR-4, 2oz copper, with minimum recommended pad layout.
5. Test condition for MSOP-8L-EP: Device mounted on 2” x 2” FR-4 substrate PC board, 2oz copper, with minimum recommended pad on top
layer and thermal vias to bottom layer ground plane.
6. Test condition for SOT25: Device mounted on FR-4, 2oz copper, with minimum recommended pad layout.
7. Test condition for DFN2018-6: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad on top layer and 3 vias
to bottom layer 1.0”x1.4” ground plane.


Similar Part No. - AP2151WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2151W DIODES-AP2151W Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
More results

Similar Description - AP2151WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2141FMG-7 DIODES-AP2141FMG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
AP2141_0906 DIODES-AP2141_0906 Datasheet
389Kb / 19P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146 DIODES-AP2146 Datasheet
535Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146/AP2156 Rev 1
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com