Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2151MPG-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2151MPG-13
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151MPG-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2151MPG-13 Datasheet HTML 5Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 6Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 7Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 8Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 9Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 10Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 11Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 12Page - Diodes Incorporated AP2151MPG-13 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AP2141/AP2151
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2141/AP2151 Rev. 6
9 of 19
JUNE 2009
DS31562
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Supply Current, Output Enabled vs Ambient Temperature
30
35
40
45
50
55
60
65
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Supply Current, Output Disabled vs Ambient Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
-45
-25
-5
15
35
55
75
95
Ambient Temperature (°C)
Static Drain-Source On-State Resistance vs Ambient
Temperature
100
110
120
130
140
150
160
170
180
190
200
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Short-Circuit Output Current vs Ambient Temperature
630
640
650
660
670
680
690
700
710
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Undervoltage Lockout vs Ambient Temperature
1.95
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
2.05
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Threshold Trip Current vs Input Voltage
1.10
1.11
1.12
1.13
1.14
1.15
2.83.3
3.84.3
4.8
5.3
Input Voltage (V)
Vin=2.7V
Vin=3.3V
Vin=5V
Vin=2.7V
Vin=3.3V
Vin=5.0V
Vin=5.5V
UVLO Falling
UVLO Rising
Vin=2.7V
Vin=5.0V
Vin=3.3V
Vin=5.5V
Vin=5.0V
Vin=5.5V
Vin=3.3V
Vin=2.7V
TA=25°C
CL=22uF


Similar Part No. - AP2151MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2151 DIODES-AP2151 Datasheet
389Kb / 19P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2151 DIODES-AP2151 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2151 DIODES-AP2151 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP21510 DIODES-AP21510 Datasheet
916Kb / 14P
   0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
AP21510FM-7 DIODES-AP21510FM-7 Datasheet
916Kb / 14P
   0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
More results

Similar Description - AP2151MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2141FMG-7 DIODES-AP2141FMG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
AP2141_0906 DIODES-AP2141_0906 Datasheet
389Kb / 19P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146 DIODES-AP2146 Datasheet
535Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146/AP2156 Rev 1
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com