Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T353D105M035AT Datasheet(PDF) 5 Page - Kemet Corporation

Part # T353D105M035AT
Description  TANTALUM DIPPED / RADIAL ??POLAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T353D105M035AT Datasheet(HTML) 5 Page - Kemet Corporation

  T353D105M035AT Datasheet HTML 1Page - Kemet Corporation T353D105M035AT Datasheet HTML 2Page - Kemet Corporation T353D105M035AT Datasheet HTML 3Page - Kemet Corporation T353D105M035AT Datasheet HTML 4Page - Kemet Corporation T353D105M035AT Datasheet HTML 5Page - Kemet Corporation T353D105M035AT Datasheet HTML 6Page - Kemet Corporation T353D105M035AT Datasheet HTML 7Page - Kemet Corporation T353D105M035AT Datasheet HTML 8Page - Kemet Corporation T353D105M035AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
35 VOLT RATING AT 85°C —
23 VOLT RATING AT 125°C
0.10
A
T35(1)A104(3)035A(4)
0.5
3
0.12
A
T35(1)A124(3)035A(4)
0.5
3
0.15
A
T35(1)A154(3)035A(4)
0.5
3
0.18
A
T35(1)A184(3)035A(4)
0.5
3
0.22
A
T35(1)A224(3)035A(4)
0.5
3
0.27
A
T35(1)A274(3)035A(4)
0.5
3
0.33
A
T35(1)A334(3)035A(4)
0.5
3
0.39
A
T35(1)A394(3)035A(4)
0.5
3
0.47
A
T35(1)A474(3)035A(4)
0.5
3
0.56
A
T35(1)A564(3)035A(4)
0.5
3
0.68
A
T35(1)A684(3)035A(4)
0.5
3
0.82
A
T35(1)A824(3)035A(4)
0.5
3
1.0
A
T35(1)A105(3)035A(4)
0.5
3
1.2
B
T35(1)B125(3)035A(4)
0.5
5
1.5
B
T35(1)B155(3)035A(4)
0.5
5
1.8
C
T35(1)C185(3)035A(4)
0.5
5
2.2
C
T35(1)C225(3)035A(4)
0.6
5
2.7
D
T35(1)D275(3)035A(4)
0.7
5
3.3
D
T35(1)D335(3)035A(4)
0.9
5
3.9
E
T35(1)E395(3)035A(4)
1.0
5
4.7
E
T35(1)E475(3)035A(4)
1.3
5
5.6
F
T35(1)F565(3)035A(4)
1.6
5
6.8
F
T35(1)F685(3)035A(4)
1.9
5
8.2
G
T35(1)G825(3)035A(4)
2.3
6
10.0
GT35(1)G106(3)035A(4)
2.8
6
12.0
J
T35(2)J126(3)035A(4)
3.4
6
15.0
J
T35(2)J156(3)035A(4)
4.2
6
18.0
K
T35(2)K186(3)035A(4)
5.0
6
22.0
K
T35(2)K226(3)035A(4)
6.2
6
27.0
L
T35(2)L276(3)035A(4)
7.6
6
33.0
L
T35(2)L336(3)035A(4)
9.2
6
39.0
M
T35(2)M396(3)035A(4)
10.0
6
47.0
M
T35(2)M476(3)035A(4)
10.0
6
TANTALUM DIPPED / RADIAL - POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES “ULTRADIP II”
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
65
T35X
RATINGS AND PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Series Designation as follows: “0” = T350, “1” = T351, “2” = T352, “3” = T353, “4” = T354, “5” = T355, “6” = T356.
(2) To complete KEMET Part Number, insert only Series Designation as follows: “0” = T350, “3” = T353, “4” = T354, “6” = T356.
(3) To complete KEMET Part Number, insert Capacitance Tolerance Symbol: “M” = ±20%, “K” = ±10%.
(4) To complete KEMET Part Number, insert Lead Material Designation as follows: S = Sn/Pb (tin/lead) and T = 100% Tin.
Note: Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET's option.
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
50 VOLT RATING AT 85°C —
33 VOLT RATING AT 125°C
0.10
A
T35(1)A104(3)050A(4)
0.5
3
0.12
A
T35(1)A124(3)050A(4)
0.5
3
0.15
A
T35(1)A154(3)050A(4)
0.5
3
0.18
A
T35(1)A184(3)050A(4)
0.5
3
0.22
A
T35(1)A224(3)050A(4)
0.5
3
0.27
A
T35(1)A274(3)050A(4)
0.5
3
0.33
A
T35(1)A334(3)050A(4)
0.5
3
0.39
B
T35(1)B394(3)050A(4)
0.5
3
0.47
B
T35(1)B474(3)050A(4)
0.5
3
0.56
B
T35(1)B564(3)050A(4)
0.5
3
0.68
B
T35(1)B684(3)050A(4)
0.5
3
0.82
B
T35(1)B824(3)050A(4)
0.5
3
1.0
B
T35(1)B105(3)050A(4)
0.5
3
1.2
D
T35(1)D125(3)050A(4)
0.5
5
1.5
E
T35(1)E155(3)050A(4)
0.6
5
1.8
E
T35(1)E185(3)050A(4)
0.7
5
2.2
E
T35(1)E225(3)050A(4)
0.9
5
2.7
F
T35(1)F275(3)050A(4)
1.1
5
3.3
F
T35(1)F335(3)050A(4)
1.3
5
3.9
G
T35(1)G395(3)050A(4)
1.6
5
4.7
G
T35(1)G475(3)050A(4)
1.9
5
5.6
H
T35(1)H565(3)050A(4)
2.2
5
6.8
J
T35(2)J685(3)050A(4)
2.7
5
8.2
J
T35(2)J825(3)050A(4)
3.3
6
10.0
K
T35(2)K106(3)050A(4) 4.0
6
12.0
K
T35(2)K126(3)050A(4) 4.8
6
15.0
L
T35(2)L156(3)050A(4)
6.0
6
18.0
L
T35(2)L186(3)050A(4)
7.2
6
22.0
M
T35(2)M226(3)050A(4) 8.8
6


Similar Part No. - T353D105M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T353D105M035A KEMET-T353D105M035A Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T353D105M035AS KEMET-T353D105M035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T353D105M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com