Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8130D Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK8130D
Description  Multi Clock Generator with VCXO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8130D Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK8130D Datasheet HTML 1Page - Asahi Kasei Microsystems AK8130D Datasheet HTML 2Page - Asahi Kasei Microsystems AK8130D Datasheet HTML 3Page - Asahi Kasei Microsystems AK8130D Datasheet HTML 4Page - Asahi Kasei Microsystems AK8130D Datasheet HTML 5Page - Asahi Kasei Microsystems AK8130D Datasheet HTML 6Page - Asahi Kasei Microsystems AK8130D Datasheet HTML 7Page - Asahi Kasei Microsystems AK8130D Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
[AK8130D]
MS1026-J-00
2008/10
- 5 -
3-4)DC特性
VDD=3.0~3.6V,Ta=-20~85℃
3-5)AC特性
VDD=3.0~3.6V,Ta=-20~85℃
*1:使用する振動子により異なります。
*2:設計値です。
*3:10000 回サンプル、6σ(±3σ)
*4:5000回サンプル以上、6σ(±3σ)
項目
端子
MIN
TYP
MAX
単位
備考
高レベル入力電圧
S0,S1,S2 0.7*VDD
V
低レベル入力電圧
同上
0.3*VDD
V
入力リーク電流 1
同上
-20
+10
μA
入力リーク電流2
VIN
-3
+3
μA
出力高レベル電圧
CLK1-4
REFOUT
0.8*VDD
V
IOH=-4mA
出力低レベル電圧
同上
0.2*VDD
V
IOL=4mA
項目
端子
MIN
TYP
MAX
単位
備考
水晶発振周波数
X1,X2
27.0000
MHz
周波数可変範囲
±110
ppm
VIN=0V~VDD
*1,単調
VCXO ゲイン
150
ppm/V
VIN=1.5V±1.0V
*1
出力 CLK
立ち上がり時間
CLK1/3/4
REF_OUT
1.5
2.5
4.0
4.0
ns
ns
Cp1=15pF
Cp2=25pF
*2
出力 CLK
立ち下がり時間
CLK1/3/4
REF_OUT
1.5
2.5
4.0
4.0
ns
ns
Cp1=15pF
Cp2=25pF
*2
ピリオドジッタ(p-p)
CLK1/3/4
150
500
ps
*2 *3
ロングタームジッタ
(1000 サイクル. p-p)
CLK1
CLK3
CLK4
REFOUT
0.85
0.5
0.5
160
1.7
1.0
1.0
600
ns
ns
ns
ps
74.17582MHz
10.0MHz
33.333MHz
27.000MHz
*2 *4
出力
デューティーサイクル
CLK1/3/4
REFOUT
45
40
50
50
55
60
%
%
Cp1=15pF
Cp2=25pF
*2
出力ロック時間
CLK1/3/4
REFOUT
1
2
ms
Cp1=15pF
*1 *2


Similar Part No. - AK8130D

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8130 AKM-AK8130 Datasheet
114Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130AH AKM-AK8130AH Datasheet
176Kb / 8P
   Multi Clock Generator with VCXO
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
More results

Similar Description - AK8130D

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8158A AKM-AK8158A Datasheet
326Kb / 10P
   Multi Clock Generator with VCXO
AK8131C AKM-AK8131C Datasheet
193Kb / 8P
   Multi Clock Generator with VCXO
AK8130F AKM-AK8130F Datasheet
293Kb / 8P
   Multi Clock Generator with VCXO
AK8138C AKM-AK8138C Datasheet
211Kb / 8P
   Multi Clock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
AK8130C AKM-AK8130C Datasheet
191Kb / 8P
   Multi Clock Generator with VCXO
AK8130AH AKM-AK8130AH Datasheet
176Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com