Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8122V Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8122V
Description  Differential Zero Delay Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8122V Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8122V Datasheet HTML 1Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 2Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 3Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 4Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 5Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 6Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 7Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 8Page - Asahi Kasei Microsystems AK8122V Datasheet HTML 9Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AK8122
Mar-09
MS0971-E-00
- 4 -
The brand name
of AKEMD’s IC’s
DC Characteristics
All specifications at VDD: over 1.7 to 1.9V, Ta=Ta1(AK8122V) Ta=Ta2(AK8122E)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Input Current
IL
Pin: CLKP, CLKN
-10
+10
μA
Differential Output
Reference Voltage
VOREF
Pin: OUTP, OUTN
0.5VDD
-0.1
0.5VDD
+0.1
V
AC Differential Output Voltage
(1)
VOAC
Pin: OUTP, OUTN
Output Load: Fig.1
0.5
VDD-0.4
V
High Level Output Voltage
VOH
Pin: OUTP, OUTN
IOH=-1mA
VDD
-0.1
V
Low Level Output Voltage
VOL
Pin: OUTP, OUTN
IOL=+1mA
0.1
V
Input Load Capacitance
Pin: CLKP, CLKN
2.1
pF
Input Load Capacitance error
Pin: CLKP, CLKN
0.1
pF
Current Consumption
(1)
IDD
(2)
50
mA
(1) See Fig.8 for output load reference.
(2) Output impedance of 60-ohm. No load. VDD = 1.8V, Ta = 25.
AC Characteristics
All specifications at VDD: over 1.7 to 1.9V, Ta: -20 to +85
℃, unless otherwise noted
(1) See Fig.1.
(2) See Fig.2.
(3) See Fig.3.
(4) See Fig.4.
(5) See Fig.8.
(6) A provisional target value.
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Output Frequency
160
400
MHz
Output Slew Rate
(5)
1
3
V/ns
Input Clock Duty Cycle
40
50
60
%
Delay Time
(1)
SFO + DFO + SKEW
250MHz-400MHz
-130
-30
+70
ps
Jit 1
Period, 1
σ, 190–360MHz
(2)
20
ps
Jit 2
Cycle-to-cycle, 1
σ, 190–360MHz
(3)
30
ps
Jit 3
Half Period, 1
σ, 190–250MHz
(4)
70
ps
Jit 4
Half Period, 1
σ, 250–300MHz
(4)
60
ps
Output Clock Jitter
Jit 5
Half Period, 1
σ, 300–360MHz
(4)
40
ps
Start up Time
(6)
tlock
200
us


Similar Part No. - AK8122V

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8122V AKM-AK8122V Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
More results

Similar Description - AK8122V

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8122 AKM-AK8122 Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
AK8122E AKM-AK8122E Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com