Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T354D105J035AT Datasheet(PDF) 10 Page - Kemet Corporation

Part # T354D105J035AT
Description  TANTALUM DIPPED / RADIAL ??POLAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T354D105J035AT Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T354D105J035AT Datasheet HTML 5Page - Kemet Corporation T354D105J035AT Datasheet HTML 6Page - Kemet Corporation T354D105J035AT Datasheet HTML 7Page - Kemet Corporation T354D105J035AT Datasheet HTML 8Page - Kemet Corporation T354D105J035AT Datasheet HTML 9Page - Kemet Corporation T354D105J035AT Datasheet HTML 10Page - Kemet Corporation T354D105J035AT Datasheet HTML 11Page - Kemet Corporation T354D105J035AT Datasheet HTML 12Page - Kemet Corporation T354D105J035AT Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
3 VOLT RATING AT 85°C —
2 VOLT RATING AT 125°C
4.7
A
T39(1)A475(2)003A(3)
0.5
5
6.8
A
T39(1)A685(2)003A(3)
0.5
5
10.0
A
T39(1)A106(2)003A(3)
0.5
6
15.0
B
T39(1)B156(2)003A(3)
0.5
6
22.0
C
T39(1)C226(2)003A(3)
0.5
6
33.0
D
T39(1)D336(2)003A(3)
0.8
6
47.0
E
T39(1)E476(2)003A(3)
1.1
6
68.0
F
T39(1)F686(2)003A(3)
1.6
6
100.0
G
T39(1)G107(2)003A(3)
2.4
8
150.0
H
T39(1)H157(2)003A(3)
3.6
8
220.0
J
T39(1)J227(2)003A(3)
5.3
8
330.0
K
T39(1)K337(2)003A(3)
7.9
8
470.0
L
T39(1)L477(2)003A(3)
10.0
9
680.0
M
T39(1)M687(2)003A(3) 10.0
9
10 VOLT RATING AT 85°C —
7 VOLT RATING AT 125°C
2.2
A
T39(1)A225(2)010A(3)
0.5
5
3.3
A
T39(1)A335(2)010A(3)
0.5
5
4.7
A
T39(1)A475(2)010A(3)
0.5
5
6.8
B
T39(1)B685(2)010A(3)
0.5
5
10.0
C
T39(1)C106(2)010A(3)
0.8
6
15.0
E
T39(1)E156(2)010A(3)
1.2
6
22.0
E
T39(1)E226(2)010A(3)
1.8
6
33.0
F
T39(1)F336(2)010A(3)
2.6
6
47.0
H
T39(1)H476(2)010A(3)
3.8
6
68.0
H
T39(1)H686(2)010A(3)
5.4
6
100.0
J
T39(1)J107(2)010A(3)
8.0
8
150.0
K
T39(1)K157(2)010A(3)
10.0
8
220.0
l
T39(1)L227(2)010A(3)
10.0
8
20 VOLT RATING AT 85°C —
13 VOLT RATING AT 125°C
1.0
A
T39(1)A105(2)020A(3)
0.5
3
1.5
A
T39(1)A155(2)020A(3)
0.5
5
2.2
A
T39(1)A225(2)020A(3)
0.5
5
3.3
B
T39(1)B335(2)020A(3)
0.5
5
4.7
C
T39(1)C475(2)020A(3)
0.8
5
6.8
D
T39(1)D685(2)020A(3)
1.1
5
10.0
E
T39(1)E106(2)020A(3)
1.6
6
15.0
F
T39(1)F156(2)020A(3)
2.4
6
22.0
G
T39(1)G226(2)020A(3)
3.5
6
33.0
J
T39(1)J336(2)020A(3)
5.3
6
47.0
K
T39(1)K476(2)020A(3)
7.5
6
68.0
L
T39(1)L686(2)020A(3)
10.0
6
100.0
M
T39(1)M107(2)020A(3) 10.0
8
35 VOLT RATING AT 85°C —
23 VOLT RATING AT 125°C
0.10
A
T39(1)A104(2)035A(3)
0.5
3
0.15
A
T39(1)A154(2)035A(3)
0.5
3
0.22
A
T39(1)A224(2)035A(3)
0.5
3
0.33
A
T39(1)A334(2)035A(3)
0.5
3
0.47
A
T39(1)A474(2)035A(3)
0.5
3
0.68
A
T39(1)A684(2)035A(3)
0.5
3
1.0
A
T39(1)A105(2)035A(3)
0.5
3
1.5
B
T39(1)B155(2)035A(3)
0.5
5
2.2
C
T39(1)C225(2)035A(3)
0.6
5
3.3
D
T39(1)D335(2)035A(3)
0.9
5
4.7
E
T39(1)E475(2)035A(3)
1.3
5
6.8
F
T39(1)F685(2)035A(3)
1.9
5
10.0
G
T39(1)G106(2)035A(3)
2.8
6
15.0
J
T39(1)J156(2)035A(3)
4.2
6
22.0
K
T39(1)K226(2)035A(3)
6.2
6
33.0
L
T39(1)L336(2)035A(3)
9.2
6
47.0
M
T39(1)M476(2)035A(3) 10.0
6
TANTALUM DIPPED / 3 LEADED —POLAR
T396 & T398 SERIES “ULTRADIP III”
70
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
6.3 VOLT RATING AT 85°C —
4 VOLT RATING AT 125°C
3.3
A
T39(1)A335(2)006A(3)
0.5
5
4.7
A
T39(1)A475(2)006A((3)
0.5
5
6.8
A
T39(1)A685(2)006A(3)
0.5
5
10.0
B
T39(1)B106(2)006A(3)
0.5
6
15.0
C
T39(1)C156(2)006A(3)
0.7
6
22.0
D
T39(1)D226(2)006A(3)
1.1
6
33.0
E
T39(1)E336(2)006A(3)
1.6
6
47.0
F
T39(1)F476(2)006A(3)
2.3
6
68.0
G
T39(1)G686(2)006A(3)
3.3
6
100.0
H
T39(1)H107(2)006A(3)
4.8
8
150.0
J
T39(1)J157(2)006A(3)
7.2
8
220.0
K
T39(1)K227(2)006A(3)
10.0
8
330.0
L
T39(1)L337(2)006A(3)
10.0
8
16 VOLT RATING AT 85°C —
10 VOLT RATING AT 125°C
1.5
A
T39(1)A155(2)016A(3)
0.5
5
2.2
A
T39(1)A225(2)016A(3)
0.5
5
3.3
A
T39(1)A335(2)016A(3)
0.5
5
4.7
B
T39(1)B475(2)016A(3)
0.6
5
6.8
C
T39(1)C685(2)016A(3)
0.9
5
10.0
E
T39(1)E106(2)016A(3)
1.3
6
15.0
E
T39(1)E156(2)016A(3)
1.8
6
22.0
F
T39(1)F226(2)016A(3)
2.6
6
33.0
H
T39(1)H336(2)016A(3)
4.0
6
47.0
J
T39(1)J476(2)016A(3)
5.6
6
68.0
K
T39(1)K686(2)016A(3)
8.2
6
100.0
L
T39(1)L107(2)016A(3)
10.0
8
150.0
M
T39(1)M157(2)016A(3) 10.0
8
25 VOLT RATING AT 85°C —
16.5 VOLT RATING AT 125°C
1.0
A
T39(1)A105(2)025A(3)
0.5
3
1.5
A
T39(1)A155(2)025A(3)
0.5
5
2.2
B
T39(1)B225(2)025A(3)
0.5
5
3.3
B
T39(1)B335(2)025A(3)
0.7
5
4.7
C
T39(1)C475(2)025A(3)
0.9
5
6.8
E
T39(1)E685(2)025A(3)
1.4
5
10.0
E
T39(1)E106(2)025A(3)
2.0
6
15.0
G
T39(1)G156(2)025A(3)
3.0
6
22.0
H
T39(1)H226(2)025A(3)
4.4
6
33.0
J
T39(1)J336(2)025A(3)
6.6
6
47.0
K
T39(1)K476(2)025A(3)
9.4
6
68.0
L
T39(1)L686(2)025A(3)
10.0
6
50 VOLT RATING AT 85°C —
33 VOLT RATING AT 125°C
0.10
A
T39(1)A104(2)050A(3)
0.5
3
0.15
A
T39(1)A154(2)050A(3)
0.5
3
0.22
A
T39(1)A224(2)050A(3)
0.5
3
0.33
A
T39(1)A334(2)050A(3)
0.5
3
0.47
B
T39(1)B474(2)050A(3)
0.5
3
0.68
B
T39(1)B684(2)050A(3)
0.5
3
1.0
B
T39(1)B105(2)050A(3)
0.5
3
1.5
E
T39(1)E155(2)050A(3)
0.6
5
2.2
E
T39(1)E225(2)050A(3)
0.9
5
3.3
F
T39(1)F335(2)050A(3)
1.3
5
4.7
G
T39(1)G475(2)050A(3)
1.9
5
6.8
J
T39(1)J685(2)050A(3)
2.7
5
10.0
K
T39(1)K106(2)050A(3)
4.0
6
15.0
L
T39(1)L156(2)050A(3)
6.0
6
22.0
M
T39(1)M226(2)050A(3)
8.8
6
(1) To complete KEMET Part Number, insert Series Designation as follows: “6” = T396, “8” = T398.
(2) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: “M” = ±20%, “K” = ±10%.
(3) To complete KEMET Part Number, insert Lead Material Designation: S = SnPb (tin/lead) and T = 100% Sn (tin).
NOTE: Higher voltage/tigher tolerance products may be shipped,
at KEMET’s option, within the same case size.


Similar Part No. - T354D105J035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T354D105J035A KEMET-T354D105J035A Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T354D105J035AS KEMET-T354D105J035AS Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
T354D105J035AS KEMET-T354D105J035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T354D105J035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com