Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7601AVQ Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK7601AVQ
Description  High Feature Digital Audio Processor with SRC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7601AVQ Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK7601AVQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
[AK7601A]
MS1446-J-00
2012/07
- 5 -
No.
Pin Name
I/O Function
43
AINL1
I
Lch Differential Input 1 Pin
44
GNDIN1
I
Input Ground 1 Pin
45
AINR1
I
Rch Differential Input 1 Pin
46
AINL2
I
Lch Differential Input 2 Pin
47
GNDIN2
I
Input Ground 2 Pin
48
AINR2
I
Rch Differential Input 2 Pin
Note 1. 全てのディジタル入力ピンはフローティングにしないで下さい。
Note 2. パワーダウン時は入力ピンです。
Note 3. パワーダウン時は出力ピンです。
使用しないピンの処理について
使用しない入出力ピンは下記の設定を行い、適切に処理して下さい。
Classification
Pin Name
設定
AINL1, GNDIN1, AINR1, AINL2, GNDIN2, AINR2,
AINL3, AINR3, AINL4, AINR4, MONOIN
オープン
Analog
AOUT1L, AOUT1R, AOUT2L, AOUT2R, AOUT3L,
AOUT3R
オープン
IBICK1, IBICK2, IBICK3, ILRCK1, ILRCK2,
ILRCK3, SDTI1, SDTI2, SDTI3, SDTI4
VSS2に接続
Digital
OBICK, OLRCK, MCKO, SDTO1/SDTO3, SDTO2,
XTO
オープン


Similar Part No. - AK7601AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7601A AKM-AK7601A Datasheet
1Mb / 63P
   High Feature Digital Audio Processor with SRC
More results

Similar Description - AK7601AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7601A AKM-AK7601A Datasheet
1Mb / 63P
   High Feature Digital Audio Processor with SRC
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
[Old version datasheet]   Digital Audio Processor With 3D Effects
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
STMicroelectronics
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
   Multichannel digital audio processor with FFX짰
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
[Old version datasheet]   Digital Audio Processor With 3D Effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com