Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2041AFJ Datasheet(PDF) 6 Page - Rohm

Part # BD2041AFJ
Description  1.0A Current Limit High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2041AFJ Datasheet(HTML) 6 Page - Rohm

Back Button BD2041AFJ Datasheet HTML 2Page - Rohm BD2041AFJ Datasheet HTML 3Page - Rohm BD2041AFJ Datasheet HTML 4Page - Rohm BD2041AFJ Datasheet HTML 5Page - Rohm BD2041AFJ Datasheet HTML 6Page - Rohm BD2041AFJ Datasheet HTML 7Page - Rohm BD2041AFJ Datasheet HTML 8Page - Rohm BD2041AFJ Datasheet HTML 9Page - Rohm BD2041AFJ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/22
Datasheet
Datasheet
BD2041AFJ
BD2051AFJ
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
08.Mar.2013 Rev.001
TSZ02201-0E3E0H300290-1-2
●Typical Performance Curves
0
20
40
60
80
100
120
23
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 4. Operating current
EN,/EN Enable
0
20
40
60
80
100
120
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Figure 5. Operating current
EN,/EN Enable
0.0
0.2
0.4
0.6
0.8
1.0
23
45
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 6. Operating current
EN,/EN Disable
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
℃]
VIN=5.0V
Figure 7. Operating current
EN,/EN Disable


Similar Part No. - BD2041AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2041AFJ ROHM-BD2041AFJ Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
More results

Similar Description - BD2041AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2226G ROHM-BD2226G_14 Datasheet
930Kb / 26P
   1.0A Current Limit High Side Switch ICs
BD82028FVJ ROHM-BD82028FVJ Datasheet
683Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD82029FVJ ROHM-BD82029FVJ Datasheet
667Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com