Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTB123YKT146 Datasheet(PDF) 4 Page - Rohm

Part # DTB123YKT146
Description  PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB123YKT146 Datasheet(HTML) 4 Page - Rohm

  DTB123YKT146 Datasheet HTML 1Page - Rohm DTB123YKT146 Datasheet HTML 2Page - Rohm DTB123YKT146 Datasheet HTML 3Page - Rohm DTB123YKT146 Datasheet HTML 4Page - Rohm DTB123YKT146 Datasheet HTML 5Page - Rohm DTB123YKT146 Datasheet HTML 6Page - Rohm DTB123YKT146 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTB123Y
lElectrical characteristic curves
(Ta = 25°C)
Fig.5 Output voltage vs. output current
OUTPUT CURRENT : IO [mA]
4/6
2012.07 - Rev.F


Similar Part No. - DTB123YKT146

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
   Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTB123YK ROHM-DTB123YK Datasheet
143Kb / 3P
   500mA / 50V Digital transistors (with built-in resistor)
DTB123YK ROHM-DTB123YK Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB123YK ROHM-DTB123YK Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTB123YKT146

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123YUT106 ROHM-DTB123YUT106 Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB123Y ROHM-DTB123Y Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB143EKT146 ROHM-DTB143EKT146 Datasheet
346Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB114EK ROHM-DTB114EK_12 Datasheet
363Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB113ZKT146 ROHM-DTB113ZKT146 Datasheet
336Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD143EKT146 ROHM-DTD143EKT146 Datasheet
328Kb / 6P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113EKT146 ROHM-DTD113EKT146 Datasheet
343Kb / 6P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113Z ROHM-DTD113Z Datasheet
359Kb / 7P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113ZUT106 ROHM-DTD113ZUT106 Datasheet
359Kb / 7P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com