Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6164DL-8E Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LT6164DL-8E
Description  8K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LT6164DL-8E Datasheet(HTML) 1 Page - Lyontek Inc.

  LT6164DL-8E Datasheet HTML 1Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 2Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 3Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 4Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 5Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 6Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 7Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 8Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LY6164
Rev. 1.4
8K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Aug.3.2005
Rev. 1.1
Rev. 1.2
Revised STSOP Package Outline Dimension
Revised Test Condition of ISB1/IDR
Revised VTERM to VT1 and VT2
Revised
FEATURES & ORDERING INFORMATION
Lead free and green package available to Green package available
Deleted TSOLDER in
ABSOLUTE MAXIMUN RATINGS
Added packing type in
ORDERING INFORMATION
Mar.26.2008
Apr.17.2009
Rev. 1.3
Rev. 1.4
Revised
PACKAGE OUTLINE DIMENSION in page 10
Revised
ORDERING INFORMATION in page 11
Revised
PACKAGE OUTLINE DIMENSION in page 9
May.7.2010
Aug.25.2010


Similar Part No. - LT6164DL-8E

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT616 LETEX-LT616 Datasheet
146Kb / 4P
   Photo DMOS-FET Relay
More results

Similar Description - LT6164DL-8E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
   8K X 8 HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com