Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5255FVE-TR Datasheet(PDF) 4 Page - Rohm

Part # BD5255FVE-TR
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5255FVE-TR Datasheet(HTML) 4 Page - Rohm

  BD5255FVE-TR Datasheet HTML 1Page - Rohm BD5255FVE-TR Datasheet HTML 2Page - Rohm BD5255FVE-TR Datasheet HTML 3Page - Rohm BD5255FVE-TR Datasheet HTML 4Page - Rohm BD5255FVE-TR Datasheet HTML 5Page - Rohm BD5255FVE-TR Datasheet HTML 6Page - Rohm BD5255FVE-TR Datasheet HTML 7Page - Rohm BD5255FVE-TR Datasheet HTML 8Page - Rohm BD5255FVE-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Datasheet
4/13
BD52xx series
BD53xx series
TSZ02201-0R7R0G300040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Absolute maximum ratings
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 to +10
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 to +10
V
CMOS Output
GND-0.3 to VDD+0.3
Output Current
Io
80
mA
Power
Dissipation
SSOP5
*1*3
Pd
540
mW
VSOF5
*2*3
210
Operating Temperature
Topr
-40 to +105
°C
Ambient Storage Temperature
Tstg
-55 to +125
°C
*1
Reduced by 5.4mW/°C when used over 25°C.
*2
Reduced by 2.1mW/°C when used over 25°C.
*3
When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board).
Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
VDD=H
L, RL=470kΩ
*1
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET=2.5V
Ta=+25°C
2.475
2.5
2.525
Ta=-40°C to 85°C
2.418
-
2.584
Ta=85°C to 105°C
2.404
-
2.597
VDET=3.0V
Ta=+25°C
2.970
3.0
3.030
Ta=-40°C to 85°C
2.901
-
3.100
Ta=85°C to 105°C
2.885
-
3.117
VDET=3.3V
Ta=+25°C
3.267
3.3
3.333
Ta=-40°C to 85°C
3.191
-
3.410
Ta=85°C to 105°C
3.173
-
3.428
VDET=4.2V
Ta=+25°C
4.158
4.2
4.242
Ta=-40°C to 85°C
4.061
-
4.341
Ta=85°C to 105°C
4.039
-
4.364
VDET=4.8V
Ta=+25°C
4.752
4.8
4.848
Ta=-40°C to 85°C
4.641
-
4.961
Ta=85°C to 105°C
4.616
-
4.987
Circuit Current when ON
IDD1
VDD=VDET-0.2V
VDET =2.3-3.1V
-
0.80
2.40
µA
VDET =3.2-4.2V
-
0.85
2.55
VDET =4.3-5.2V
-
0.90
2.70
VDET =5.3-6.0V
-
0.95
2.85
Circuit Current when OFF
IDD2
VDD=VDET+2.0V
VDET =2.3-3.1V
-
0.75
2.25
µA
VDET =3.2-4.2V
-
0.80
2.40
VDET =4.3-5.2V
-
0.85
2.55
VDET =5.3-6.0V
-
0.90
2.70
Operating Voltage Range
VOPL
VOL≤0.4V, Ta=25 to 105°C, RL=470kΩ
0.95
-
-
V
VOL≤0.4V, Ta=-40 to 25°C, RL=470kΩ
1.20
-
-
‘Low’ Output Voltage (Nch)
VOL
VDD=1.5V, ISINK = 0.4 mA, VDET=2.3-6.0V
-
-
0.5
V
VDD=2.4V, ISINK = 2.0 mA, VDET=2.7-6.0V
-
-
0.5
‘High’ Output Voltage (Pch)
VOH
VDD=4.8V, ISOURCE=0.7 mA, VDET(2.3V to 4.2V) VDD-0.5
-
-
V
VDD=6.0V, ISOURCE=0.9 mA, VDET(4.3V to 5.2V) VDD-0.5
-
-
VDD=8.0V, ISOURCE=1.1 mA, VDET(5.3V to 6.0V) VDD-0.5
-
-
VDET (T) : Standard Detection Voltage (2.3V to 6.0V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.
Design Guarantee. (Outgoing inspection is not done on all products.)
*1
Guaranteed at Ta=25°C.


Similar Part No. - BD5255FVE-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5255FVE-TR ROHM-BD5255FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5255FVE-TR ROHM-BD5255FVE-TR Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5255FVE-TR ROHM-BD5255FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5255FVE-TR ROHM-BD5255FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5255FVE-TR ROHM-BD5255FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5255FVE-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com