Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6164JL-15T Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LT6164JL-15T
Description  8K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LT6164JL-15T Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LT6164JL-15T Datasheet HTML 5Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 6Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 7Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 8Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 9Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 10Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 11Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 12Page - Lyontek Inc. LT6164JL-15T Datasheet HTML 13Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LY6164
Rev. 1.4
8K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
28-pin 300 mil SOJ Package Outline Dimension
1
28
14
15
A2
L
C
XX
X
Note : 1.S/E/D dimension is not including mold flash.
2.The end flash in package lengthwise is not more than 10 mils each side.
UNIT
SYM.
INCH(REF)
MM(BASE)
A
0.140(MAX)
3.556(MAX)
A1
0.025(MIN)
0.635(MIN)
A2
0.100±0.015
2.540±0.381
B
0.018±0.004
0.457±0.102
B1
0.028±0.004
0.711±0.102
c
0.010±0.004
0.254±0.102
D
0.710±0.020
18.03±0.508
E
0.337±0.010
8.560±0.254
E1
0.300±0.005
7.620±0.127
e
0.050±0.006
1.270±0.152
L
0.087±0.010
2.210±0.254
S
0.045(MAX)
1.143(MAX)
Y
0.004(MAX)
0.102(MAX)


Similar Part No. - LT6164JL-15T

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT616 LETEX-LT616 Datasheet
146Kb / 4P
   Photo DMOS-FET Relay
More results

Similar Description - LT6164JL-15T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
   8K X 8 HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com