Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103-60044 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 103-60044
Description  Type C Male connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

103-60044 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  103-60044 Datasheet HTML 1Page - List of Unclassifed Manufacturers 103-60044 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
97
ept GmbH & Co. KG I Phone +49 (0) 88 61/25 01 0 I Fax +49 (0) 88 61/55 07 I E-mail sales@ept.de I www.ept.de
Solder technology – Performance level II
No. of
contacts
Contact
arrangement
Termination length
Part number
32
a
b
c
2
43
1
103-40014
103-40015
103-40194
48
a
b
c
2
43
1
103-40024
103-40025
103-40144
64
a
b
c
2
43
1
103-40034
103-40035
103-40154
96
a
b
c
2
43
1
103-40064
103-40065
103-40174
Accessories
– Coding accessories (see page 160)
On request
– Performance levels I + III or customer-specific
– Special contact length
– Also in THTR
Options
– Board lock (see page 159)
– Contact arrangement (see page 162)
Connectors according to DIN 41612 / IEC 60603-2
Type C
Male connector


Similar Part No. - 103-60044

ManufacturerPart #DatasheetDescription
logo
API Delevan
103-680 API-103-680 Datasheet
235Kb / 1P
   Micro i Chip Inductors
103-680K API-103-680K Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
103-680M API-103-680M Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
103-681K API-103-681K Datasheet
235Kb / 1P
   Micro i Chip Inductors
103-681K API-103-681K Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
More results

Similar Description - 103-60044

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SCNUS-UC-124SGM-SOVPM SUNTSU-SCNUS-UC-124SGM-SOVPM Datasheet
152Kb / 1P
   USB TYPE C 3.1 MALE CONNECTOR
logo
Adam Technologies, Inc.
DIN-96MR-L33-A1CX ADAM-TECH-DIN-96MR-L33-A1CX Datasheet
93Kb / 1P
   DIN TYPE C MALE
DIN-96MR-L33-A1CX-BL ADAM-TECH-DIN-96MR-L33-A1CX-BL Datasheet
119Kb / 1P
   DIN TYPE C MALE
logo
Dubilier
DBCDINM96CABCS3 DUBILIER-DBCDINM96CABCS3 Datasheet
437Kb / 1P
   DIN 41612 TYPE C - MALE
logo
Adam Technologies, Inc.
DIN-32MR-S32-A1CX ADAM-TECH-DIN-32MR-S32-A1CX Datasheet
89Kb / 1P
   DIN TYPE HALF C MALE
DIN-32MR-S32-A1CX-BL ADAM-TECH-DIN-32MR-S32-A1CX-BL Datasheet
89Kb / 1P
   DIN TYPE HALF C MALE
logo
Coolgear Inc.
CGL-G2180CMC-03M COOLGEAR-CGL-G2180CMC-03M Datasheet
1Mb / 1P
   USB 3.2 Gen 2 180° Male Type-C to Male C
3/17/2023
logo
VITALCONN ELECTRONICS H...
UC4103XLB01 VITALCONN-UC4103XLB01 Datasheet
220Kb / 1P
   USB C TYPE DIP MALE 1.75
logo
Adam Technologies, Inc.
DIN-20MR-S22-A1CX ADAM-TECH-DIN-20MR-S22-A1CX Datasheet
88Kb / 1P
   DIN TYPE C MALE 20 PINS
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
   USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com