Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC373D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC373D
Description  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC373D Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC373D Datasheet HTML 1Page - NXP Semiconductors 74HC373D Datasheet HTML 2Page - NXP Semiconductors 74HC373D Datasheet HTML 3Page - NXP Semiconductors 74HC373D Datasheet HTML 4Page - NXP Semiconductors 74HC373D Datasheet HTML 5Page - NXP Semiconductors 74HC373D Datasheet HTML 6Page - NXP Semiconductors 74HC373D Datasheet HTML 7Page - NXP Semiconductors 74HC373D Datasheet HTML 8Page - NXP Semiconductors 74HC373D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The 74HC373; 74HCT373 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL. It is specified in compliance with JEDEC standard no. 7A.
The 74HC373; 74HCT373 is an octal D-type transparent latch featuring separate D-type
inputs for each latch and 3-state outputs for bus oriented applications. A latch enable (LE)
input and an output enable (OE) input are common to all latches.
The 74HC373; 74HCT373 consists of eight D-type transparent latches with 3-state true
outputs. When LE is HIGH, data at the Dn inputs enters the latches. In this condition the
latches are transparent, i.e. a latch output will change state each time its corresponding
D input changes.
When LE is LOW the latches store the information that was present at the D inputs a
set-up time preceding the HIGH-to-LOW transition of LE. When OE is LOW, the contents
of the 8 latches are available at the outputs. When OE is HIGH, the outputs go to the high-
impedance OFF-state. Operation of the OE input does not affect the state of the latches.
The 74HC373; 74HCT373 is functionally identical to:
74HC563; 74HCT563: but inverted outputs and different pin arrangement
74HC573; 74HCT573: but different pin arrangement
2.
Features and benefits
3-state non-inverting outputs for bus oriented applications
Common 3-state output enable input
Functionally identical to the 74HC563; 74HCT563 and 74HC573; 74HCT573
ESD protection:
HBM JESD22-A114F exceeds 2 000 V
MM JESD22-A115-A exceeds 200 V
Specified from
40 Cto+85 C and from 40 Cto+125 C
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
Rev. 5 — 13 December 2011
Product data sheet


Similar Part No. - 74HC373D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC373D PHILIPS-74HC373D Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
Toshiba Semiconductor
74HC373D TOSHIBA-74HC373D Datasheet
201Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
logo
Nexperia B.V. All right...
74HC373D NEXPERIA-74HC373D Datasheet
282Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 6 September 2021
logo
NXP Semiconductors
74HC373D-Q100 NXP-74HC373D-Q100 Datasheet
179Kb / 24P
   Octal D-type transparent latch; 3-state
Rev. 1-10 August 2012
logo
Nexperia B.V. All right...
74HC373D-Q100 NEXPERIA-74HC373D-Q100 Datasheet
277Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 22 July 2020
More results

Similar Description - 74HC373D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com