Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN3R3NJ0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN3R3NJ0
Description  1212 size (3.0x3.0mm) Height 1.0mm max.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN3R3NJ0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH3NPN3R3NJ0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3NJ0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
This information is the property of Murata Europe Management B.V. This information should not be copied or distributed in any fashion without the express written consent of Murata.
All information is subject to change without notice, is not warranted in any fashion and is provided as is.
(Power inductor (G Apps) SE0
-2)
Unit: mm
3.0+/-0.2
3.0+/-0.2
1.1+/-0.1
Appearance and Dimensions
P/N
Inductance
(uH) @1MHz
DC resistance
(ohms)
Idc1
(mA)
Idc2
(mA)
LQH3NPN1R0NJ0
1.0 +/-30%
0.040+/-20%
1650
1620
LQH3NPN1R5NJ0
1.5 +/-30%
0.055+/-20%
1200
1500
LQH3NPN2R2NJ0
2.2 +/-30%
0.069+/-20%
1150
1460
LQH3NPN3R3NJ0
3.3 +/-30%
0.105+/-20%
950
1270
LQH3NPN4R7NJ0
4.7 +/-30%
0.130+/-20%
780
1120
LQH3NPN6R8NJ0
6.8 +/-30%
0.210+/-20%
700
850
LQH3NPN100NJ0
10 +/-30%
0.300+/-20%
560
710
LQH3NPN150NJ0
15 +/-30%
0.440+/-20%
440
590
LQH3NPN220MJ0
22 +/-20%
0.600+/-20%
350
510
LQH3NPN330MJ0
33 +/-20%
0.900+/-20%
280
410
LQH3NPN470MJ0
47 +/-20%
1.30+/-20%
200
350
Electrical characteristics
Specifications
1212 size (3.0x3.0mm)
Height 1.2mm max.
LQH3NP_J0
LQH3NP_J0 series
series
Ne
w
(1) Idc1: Inductance change within +/-30% from nominal value
(2) Idc2: Temperature rise below 40deg C
Operating temp. range: -40 to +85C
0.1
1
10
100
0
200
400
600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000
DC current (mA)
1.0uH
1.5uH
2.2uH
3.3uH
4.7uH
6.8uH
10uH
15uH
22uH
33uH
47uH
Other characteristics


Similar Part No. - LQH3NPN3R3NJ0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN3R3NJ0 MURATA-LQH3NPN3R3NJ0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN3R3NJ0 MURATA-LQH3NPN3R3NJ0 Datasheet
95Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN3R3NJ0p MURATA-LQH3NPN3R3NJ0p Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results

Similar Description - LQH3NPN3R3NJ0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN680MG0L MURATA-LQH3NPN680MG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
1280617 MURATA-1280617 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
EUROQUARTZ limited
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Murata Manufacturing Co...
LQH2HPN150MGR MURATA1-LQH2HPN150MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN3R3MGR MURATA1-LQH2HPN3R3MGR Datasheet
422Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
logo
Murata Manufacturing Co...
LQH55PN1R2NR0L MURATA-LQH55PN1R2NR0L Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
logo
Murata Manufacturing Co...
LQH2HPN100MGR MURATA1-LQH2HPN100MGR Datasheet
425Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN101MGR MURATA1-LQH2HPN101MGR Datasheet
412Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN1R0MGR MURATA1-LQH2HPN1R0MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN220MGR MURATA1-LQH2HPN220MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com