Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0805 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW0805
Description  Thick Film, Rectangular Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0805 Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW0805 Datasheet HTML 1Page - Vishay Siliconix CRCW0805 Datasheet HTML 2Page - Vishay Siliconix CRCW0805 Datasheet HTML 3Page - Vishay Siliconix CRCW0805 Datasheet HTML 4Page - Vishay Siliconix CRCW0805 Datasheet HTML 5Page - Vishay Siliconix CRCW0805 Datasheet HTML 6Page - Vishay Siliconix CRCW0805 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
For technical questions in Europe, contact: ff1aresistors@vishay.com
Document Number: 20008
114
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
Revision: 25-Mar-07
D...-CRCW
Vishay
Thick Film, Rectangular Chip Resistors
FEATURES
• Metal glaze on high quality ceramic
• Protective overglaze
• Lead bearing (90 % Sn/10 % Pb) solder contacts
• Excellent stability (ΔR/R ≤ ± 0.5 % for 1000 h at 70 °C) in
different environmental conditions
• High volume product suitable for commercial and special
applications
Notes
1. 100 ppm/K on request
• Ask about further value ranges
• For low values see Thick Film rectangular low value resistors
• For high values see Thick Film rectangular high values
• Marking and packaging: see appropriate catalog or web pages
• For precision Thick Film CRCW see Thick Film rectangular Precision Resistors
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
• AgPd or Pd terminations for conductive adhesive attachment on request
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
POWER RATING
P70 °C
W
LIMITING
ELEMENT
VOLTAGE
MAX V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
INCH
METRIC
CECC 40401-802/EIA-575
D10
CRCW0402
0402
1005
0.063
50
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 10M
1R0 - 10M
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 1 A
D11
CRCW0603
0603
1608
0.10
75
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 10M
1R0 - 10M
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 1.5 A
D12
CRCW0805
0805
2012
0.125
150
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 10M
1R0 - 10M
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 2 A
D25
CRCW1206
1206
3216
0.25
200
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 10M
1R0 - 10M
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 2.5 A
CRCW1210
1210
3225
0.33
200
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 1M0
1R0 - 10M
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 2.5 A
CRCW1218
1218
3246
1.0
200
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 2M2
1R0 - 2M2
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 4 A
CRCW2010
2010
5025
0.5
400
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 10M
1R0 - 10M
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 3 A
CRCW2512
2512
6332
1.0
500
± 2001)
± 100
± 200
± 1
± 1
± 5
1R0 - 9R76
10R - 10M
1R0 - 10M
24 + 96
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax = 4 A


Similar Part No. - CRCW0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805 VISHAY-CRCW0805 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0805 VISHAY-CRCW0805 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805 VISHAY-CRCW0805 Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW0805 VISHAY-CRCW0805 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0805 VISHAY-CRCW0805 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com