Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOI2N60 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOI2N60
Description  600V, 2A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOI2N60 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOI2N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOI2N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOI2N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOI2N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOI2N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AOS Reliability Report
4
Table 2 Reliability Test and Package test Result:
Note A: The reliability data presents total of available generic data up to the published date.
Test Item
Test Condition
Time Point
Total
Sample
size
Number of
failure
HTGB
Temp = 150
c ,
Vgs=100% of Vgsmax
168hrs
500 hrs
1000 hrs
77
308
(Note A)
0
HTRB
Temp = 150
C ,
Vds=80% of Vdsmax
168hrs
500 hrs
1000 hrs
77
308
(Note A)
0
Solder reflow
precondition
168hr 85
c /85%RH +
3 cycle reflow @260
c
(MSL level 1)
-
3058
(Note A)
0
HAST
130 +/- 2
C , 85%RH, 33.3 psi,
Vgs = 80% of Vgs max
100 hrs
440
(Note A)
0
Pressure Pot
121
C , 29.7psi, 100%RH
96 hrs
1078
(Note A)
0
Temperature
Cycle
-65
C to 150C,
air to air,
250 / 500
cycles
1232
(Note A)
0
Power Cycle
Tj=125C
7500 cycles
308
(Note A)
0


Similar Part No. - AOI2N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOI2N60 ISC-AOI2N60 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOI2N60A AOSMD-AOI2N60A Datasheet
2Mb / 6P
   600V,2A N-Channel MOSFET
AOI2N60A AOSMD-AOI2N60A Datasheet
434Kb / 6P
   600V,2A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOI2N60A ISC-AOI2N60A Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOI2N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60A AOSMD-AOD2N60A Datasheet
2Mb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
   2A, 600V N-Channel MOSFET
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
   600V,2A N-Channel MOSFET
AOD2C60 AOSMD-AOD2C60 Datasheet
254Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60_10 Datasheet
332Kb / 6P
   600V, 2A N-Channel MOSFET
AOT2N60 AOSMD-AOT2N60 Datasheet
148Kb / 6P
   600V, 2A N-Channel MOSFET
AOU2N60A AOSMD-AOU2N60A Datasheet
434Kb / 6P
   600V,2A N-Channel MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com