Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ5303 Datasheet(PDF) 6 Page - 3M Electronics

Part # SJ5303
Description  Easy-to-Apply Shapes, Sizes, and Colors Match Your Application Requirements
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ5303 Datasheet(HTML) 6 Page - 3M Electronics

  SJ5303 Datasheet HTML 1Page - 3M Electronics SJ5303 Datasheet HTML 2Page - 3M Electronics SJ5303 Datasheet HTML 3Page - 3M Electronics SJ5303 Datasheet HTML 4Page - 3M Electronics SJ5303 Datasheet HTML 5Page - 3M Electronics SJ5303 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
t-transparent
g-gray
b-black
c-clear
tw-true white
w-white
br-brown
lbr-lt brown
3
M
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 21-1W-10
900 Bush Avenue
St. Paul, MN 55144-1000
1 800 362 3550
www.3M.com/industrial
Bumpon is a trademark of 3M Company.
Santoprene is a trademark of A.E.S. Corporation.
Please recycle. Printed in U.S.A.
© 3M 2007. All rights reserved.
70-0709-0953-9 (12/07)
Key Bumpons
Standard Molded Shapes
PRODUCT
COLOR
ADHESIVE
WIDTH
inches
mm
HEIGHT
inches
mm
HARDNESS
Shore A
1.
SJ5382
t
A-20
0.250
6.4
0.075
1.9
75
2.
SJ5302
t
A-20
0.312
7.9
0.085
2.2
75
3.
SJ5306
t
A-20
0.375
9.5
0.150
3.8
75
4.
SJ5303
t
A-20
0.440 11.2
0.200
5.1
75
5.
SJ5312
t, tw
A-20
0.500 12.7
0.140
3.6
75
6.
SJ6506
c
R-25
0.375
9.5
0.150
3.8
55
7.
SJ6503
c
R-25
0.440 11.2
0.200
5.1
55
8.
SJ6553
c
R-25
0.433 11.0
0.120
3.1
55
9.
SJ6561
c
R-25
0.433 11.0
0.150
3.8
55
10. SJ6512
c
R-25
0.500 12.7
0.140
3.5
55
11. SJ5003
w, g, br, b
R-30
0.440 11.2
0.200
5.1
70
12. SJ5027
g, br, b
R-30
0.630 16.0
0.312
7.9
70
13. SJ5017
w, g, br, b
R-30
0.750 19.1
0.380
9.7
70
14. SJ5009
w, g, br, b
R-30
0.880 22.4
0.400 10.2
70
15. SJ5076
b
R-30
0.315
8.0
0.110
2.8
70
16. SJ5012
w, g, br, b
R-30
0.500 12.7
0.140
3.6
70
17. SJ5001
b
R-30
0.500 12.7
0.145
3.6
70
18. SJ5744
b
R-30
0.750 19.1
0.160
4.1
70
19. SJ5007
b, w
R-30
0.413 10.4
0.098
2.5
70
20. SJ5008
w, g, br, b, t
R-30
0.500 12.7
0.120
3.0
70
21. SJ5018
w, g, br, b
R-30
0.500 12.7
0.230
5.8
70
22. SJ5023
w, g, br, b
R-30
0.812 20.6
0.300
7.6
70
23. SJ5514
w, g, br, b
R-30
0.812 20.6
0.520 13.2
70
24. SJ5705
b
R-30
1.280 32.4
0.250
6.4
70
25. SJ5202
lbr
R-25
0.433 11.0
0.063
1.6
25
26. SJ5201
lbr
R-25
0.433 11.0
0.125
3.2
25
COLOR KEY
Sizes shown are not actual size.
For additional shapes, formats and rollstocks, please visit 3M.com/Bumpon
12
3
4
5
67
8
9
10
11
12
13
14
15
16
17
18
19
20
21
24
22
23
25
26
PRODUCT USE: All statements, technical information and recommendations contained in
this document are based upon tests or experience that 3M believes are reliable. However,
many factors beyond 3M’s control can affect the use and performance of a 3M product in
a particular application, including the conditions under which the product is used and the time
and environmental conditions in which the product is expected to perform. Since these factors
are uniquely within the user’s knowledge and control, it is essential that the user evaluate the
3M product to determine whether it is fit for a particular purpose and suitable for the user’s
method of application.
WARRANTY AND LIMITED REMEDY: Unless stated otherwise in 3M’s product literature,
packaging inserts or product packaging for individual products, 3M warrants that each
3M product meets the applicable specifications at the time 3M ships the product. Individual
products may have additional or different warranties as stated on product literature, package
inserts or product packages. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE. User is responsible for determining whether the 3M
product is fit for a particular purpose and suitable for user’s application. If the 3M product is
defective within the warranty period, your exclusive remedy and 3M’s and seller’s sole obligation
will be, at 3M’s option, to replace the product or refund the purchase price.
LIMITATION OF LIABILITY: Except where prohibited by law, 3M and seller will not be liable for
any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or
consequential, regardless of the legal theory asserted, including warranty, contract, negligence
or strict liability.


Similar Part No. - SJ5303

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ5-43502PM CUI-SJ5-43502PM Datasheet
27Kb / 1P
   3.5mm Panel Mount Audio Jack - 4 Connector
logo
CUI Devices
SJ5-43502PM CUID-SJ5-43502PM Datasheet
266Kb / 3P
   AUDIO JACK
10/05/2022
logo
Pepperl+Fuchs Inc.
SJ5-G-N PF-SJ5-G-N Datasheet
181Kb / 2P
   Inductive slot sensor
SJ5-K-N PF-SJ5-K-N Datasheet
206Kb / 2P
   Inductive slot sensor
SJ5-K-N-6M PF-SJ5-K-N-6M Datasheet
178Kb / 2P
   Inductive slot sensor
More results

Similar Description - SJ5303

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5989-8853EN KEYSIGHT-5989-8853EN Datasheet
2Mb / 37P
   A guide to power product solutions to match your test and measurement needs
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
MB3216 ETC-MB3216 Datasheet
357Kb / 3P
   MB3216 SHAPES AND DIMENSIONS
logo
Mallory Sonalert Produc...
PF-27A35EPQ MSPI-PF-27A35EPQ Datasheet
118Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ MSPI-PF-20A35EWQ Datasheet
106Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ-MX MSPI-PF-20A35EWQ-MX Datasheet
101Kb / 1P
   Contact Mallory Sonalert to discuss your application
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
STMicroelectronics
UM0991 STMICROELECTRONICS-UM0991 Datasheet
1Mb / 52P
   Developing and debugging your STM8L-DISCOVERY application code
logo
3M Electronics
SJ6344 3M-SJ6344 Datasheet
107Kb / 5P
   3M??Bumpon??Protective Products Molded Shapes - Easy Slide Series
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com