Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1315DL-T1-GE3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI1315DL-T1-GE3
Description  P-Channel 8 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1315DL-T1-GE3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI1315DL-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number: 67193
S10-2765-Rev. A, 29-Nov-10
Vishay Siliconix
Si1315DL
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?67193.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
Square WavePulse Duration (s)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA =430 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
0.02
Normalized Thermal Transient Impedance, Junction-to-Foot
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square WavePulse Duration (s)
Single Pulse
0.1
10-3
10-2
1
10-1
10-4
0.02
0.05


Similar Part No. - SI1315DL-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1317DL VISHAY-SI1317DL Datasheet
67Kb / 4P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 14-Mar-11
SI1317DL VISHAY-SI1317DL Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL-T1-GE3 VISHAY-SI1317DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL VISHAY-SI1317DL_V01 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1315DL-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com