Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96TDS900 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P82B96TDS900
Description  Dual bidirectional bus buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B96TDS900 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P82B96TDS900 Datasheet HTML 3Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 4Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 5Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 6Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 7Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 8Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 9Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 10Page - NXP Semiconductors P82B96TDS900 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
P82B96_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 10 November 2009
7 of 32
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
Input logic switching threshold voltages
VSx, VSy
input logic voltage LOW
on normal I2C-bus
[4]
-
640
600
(see Figure 7)mV
VSx, VSy
input logic level HIGH
threshold
on normal I2C-bus
[4]
700
650
-
(see Figure 8)mV
dVSx/dT,
dVSy/dT
temperature coefficient
of input thresholds
-
−2
-
-
-
mV/K
VRx, VRy
input logic HIGH level
fraction of applied VCC
0.58VCC
-
-
0.58VCC
-V
VRx, VRy
input threshold
fraction of applied VCC
-
0.5VCC
--
-
V
VRx, VRy
input logic LOW level
fraction of applied VCC
-
-
0.42VCC
-
0.42VCC V
Logic level threshold difference
VSx, VSy
input/output logic level
difference
VSx output LOW at
0.2 mA
− V
Sx input
HIGH maximum
[2]
50
85
-
50
-
mV
Thermal resistance
Rth(j-pcb)
thermal resistance from
junction to printed-circuit
board
SOT96-1 (SO8);
average lead
temperature at board
interface
-
127
-
-
-
K/W
Bus release on VCC failure
VSx, VSy,
VTx, VTy
VCC voltage at which all
buses are guaranteed to
be released
-
-
1
(see Figure 9)V
dV/dT
temperature coefficient
of guaranteed release
voltage
-
−4
-
-
-
mV/K
Buffer response time[5]
Tfall delay
VSx to VTx,
VSy to VTy
buffer time delay on
falling input between
VSx = input switching
threshold, and VTx
output falling 50 %
RTx pull-up = 160 Ω;
no capacitive load;
VCC =5V
-70-
-
-
ns
Trise delay
VSx to VTx,
VSy to VTy
buffer time delay on
rising input between
VSx = input switching
threshold, and VTx
output reaching 50 %
VCC
RTx pull-up = 160 Ω;
no capacitive load;
VCC =5V
-90-
-
-
ns
Table 5.
Characteristics …continued
Tamb = +25 °C; voltages are specified with respect to GND with VCC = 5 V, unless otherwise specified.
Symbol
Parameter
Conditions
Tamb = +25 °C
Tamb = −40 °C to
+125
°C[1]
Unit
Min
Typ
Max
Min
Max


Similar Part No. - P82B96TDS900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96TDS410 PHILIPS-P82B96TDS410 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
More results

Similar Description - P82B96TDS900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com