Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZB18 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMZB18
Description  TOSHIBA Zener Diode Silicon Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZB18 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMZB18 Datasheet HTML 1Page - Toshiba Semiconductor CMZB18 Datasheet HTML 2Page - Toshiba Semiconductor CMZB18 Datasheet HTML 3Page - Toshiba Semiconductor CMZB18 Datasheet HTML 4Page - Toshiba Semiconductor CMZB18 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMZB12~CMZB53
2013-11-01
1
TOSHIBA Zener Diode Silicon Diffused Type
CMZB12~CMZB53
Communication, Control and
Measurement Equipment
Constant Voltage Regulation
Transient Suppressors
• Average power dissipation: P = 1.0 W
• Zener voltage: VZ = 12 to 53 V
• Suitable for high-density board assembly due to the use of a small
surface-mount package, M−FLATTM
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power dissipation
P
1.0 (Note 1)
W
Junction temperature
Tj
−40 to 150
°C
Storage temperature range
Tstg
−40 to 150
°C
Note 1: Ta
= 40°C
Device mounted on a glass-epoxy board
Board size: 50 mm
× 50 mm
Soldering size: 6 mm
× 6 mm
Board thickness: 1.6 mm
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating temperature / current /
voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
ANODE
CATHODE
0.16
1.75
± 0.1
+ 0.2
− 0.1
2.4
JEDEC
JEITA
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)
Start of commercial production
2005-09


Similar Part No. - CMZB18

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZB180 TOSHIBA-CMZB180 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB180 TOSHIBA-CMZB180 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB180 TOSHIBA-CMZB180 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
More results

Similar Description - CMZB18

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2Z27A TOSHIBA-2Z27A Datasheet
111Kb / 3P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
1ZC18 TOSHIBA-1ZC18 Datasheet
114Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA40C TOSHIBA-U5ZA40C Datasheet
100Kb / 4P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA27C TOSHIBA-U5ZA27C Datasheet
135Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
CRZ13 TOSHIBA-CRZ13 Datasheet
121Kb / 5P
   TOSHIBA Zener Diode Silicon Epitaxial Type
TVR5B TOSHIBA-TVR5B Datasheet
94Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type
TVR1B TOSHIBA-TVR1B Datasheet
93Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type
logo
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
Toshiba Semiconductor
U5ZA53C TOSHIBA-U5ZA53C Datasheet
87Kb / 3P
   Silicon Diffused-Junction Type Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com