Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MP6211 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part No. MP6211
Description  3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6211 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6211 Datasheet HTML 1Page - Monolithic Power Systems MP6211 Datasheet HTML 2Page - Monolithic Power Systems MP6211 Datasheet HTML 3Page - Monolithic Power Systems MP6211 Datasheet HTML 4Page - Monolithic Power Systems MP6211 Datasheet HTML 5Page - Monolithic Power Systems MP6211 Datasheet HTML 6Page - Monolithic Power Systems MP6211 Datasheet HTML 7Page - Monolithic Power Systems MP6211 Datasheet HTML 8Page - Monolithic Power Systems MP6211 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP6211/MP6212 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP6211_MP6212 Rev. 1.1
www.MonolithicPower.com
2
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
*
Enable
Switch
Maximum
Continuous
Load Current
Typical Short-
Circuit Current
@ TA=25C
Package
Top
Marking
Temperature
MP6211DN
Active
High
Single
1.0A
1.5A
SOIC8E
MP6211DH
Active
High
Single
1.0A
1.5A
MSOP8E
6211D
MP6212DN
Active
Low
Single
1.0A
1.5A
SOIC8E
MP6212DH
Active
Low
Single
1.0A
1.5A
MSOP8E
6212D
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP6211_MP6212DN–Z). For RoHS Compliant Packaging, add suffix –LF.
(eg. MP6211_MP6212DN–LF–Z)
PACKAGE REFERENCE
GND
IN
IN
EN*
NC
OUT
OUT
FLAG
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
MP6211_MP6212
Single-Channel
(* EN is active high for MP6211)
ABSOLUTE MAXIMUM RATINGS
(1)
IN .................................................-0.3V to +6.0V
EN, FLAG, OUT to GND ..............-0.3V to +6.0V
Continuous Power Dissipation. (TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
MSOP8E.................................................... 2.3W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature...............65°C to +150°C
Operating Temperature..............40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8E .................................. 50 ...... 10...
°C/W
MSOP8E................................. 55 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7 4-layer PCB.


Similar Part No. - MP6211

ManufacturerPart No.DatasheetDescription
Monolithic Power Systems
Monolithic Power System...
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6211DH-3 MPS-MP6211DH-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6211DN-3 MPS-MP6211DN-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
More results

Similar Description - MP6211

ManufacturerPart No.DatasheetDescription
Monolithic Power Systems
Monolithic Power System...
MP62340 MPS-MP62340 Datasheet
331Kb / 12P
   3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
   3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
MP6231 MPS-MP6231 Datasheet
303Kb / 12P
   3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
   3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
   3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz