Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7303BRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7303BRZ
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303BRZ Datasheet(HTML) 1 Page - Analog Devices

  AD7303BRZ Datasheet HTML 1Page - Analog Devices AD7303BRZ Datasheet HTML 2Page - Analog Devices AD7303BRZ Datasheet HTML 3Page - Analog Devices AD7303BRZ Datasheet HTML 4Page - Analog Devices AD7303BRZ Datasheet HTML 5Page - Analog Devices AD7303BRZ Datasheet HTML 6Page - Analog Devices AD7303BRZ Datasheet HTML 7Page - Analog Devices AD7303BRZ Datasheet HTML 8Page - Analog Devices AD7303BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+2.7 V to +5.5 V, Serial Input, Dual
Voltage Output 8-Bit DAC
AD7303
FUNCTIONAL BLOCK DIAGRAM
I DAC A
POWER ON
RESET
DIN
SYNC
SCLK
REF
VDD
AD7303
VOUT A
VOUT B
GND
I/V
INPUT
REGISTER
MUX
DAC
REGISTER
I/V
INPUT
REGISTER
DAC
REGISTER
÷2
16-BIT SHIFT REGISTER
DATA (8)
CONTROL (8)
I DAC B
FEATURES
Two 8-Bit DACs in One Package
8-Pin DIP/SOIC and microSOIC Packages
+2.7 V to +5.5 V Operation
Internal & External Reference Capability
Individual DAC Power-Down Function
Three-Wire Serial Interface
QSPI™, SPI™ and Microwire™ Compatible
On-Chip Output Buffer
Rail-to-Rail Operation
On-Chip Control Register
Low Power Operation: 2.3 mA @ 3.3 V
Full Power-Down to 1
A max, typically 80 nA
APPLICATIONS
Portable Battery Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
PRODUCT HIGHLIGHTS
1. Low power, single supply operation. This part operates from
a single +2.7 V to +5.5 V supply and consumes typically
15 mW at 5.5 V, making it ideal for battery powered
applications.
2. The on-chip output buffer amplifiers allow the outputs of the
DACs to swing rail to rail with a settling time of typically 1.2
µs.
3. Internal or external reference capability.
4. High speed serial interface with clock rates up to 30 MHz.
5. Individual power-down of each DAC provided. When com-
pletely powered down, the DAC consumes typically 80 nA.
GENERAL DESCRIPTION
The AD7303 is a dual, 8-bit voltage out DAC that operates
from a single +2.7 V to +5.5 V supply. Its on-chip precision out-
put buffers allow the DAC outputs to swing rail to rail. This de-
vice uses a versatile 3-wire serial interface that operates at clock
rates up to 30 MHz, and is compatible with QSPI, SPI, microwire
and digital signal processor interface standards. The serial input
register is sixteen bits wide; 8 bits act as data bits for the DACs,
and the remaining eight bits make up a control register.
The on-chip control register is used to address the relevant
DAC, to power down the complete device or an individual
DAC, to select internal or external reference and to provide a
synchronous loading facility for simultaneous update of the
DAC outputs with a software LDAC function.
The low power consumption of this part makes it ideally suited
to portable battery operated equipment. The power consump-
tion is 7.5 mW max at 3 V, reducing to less than 3
µW in full
power-down mode.
The AD7303 is available in an 8-pin plastic dual in-line pack-
age, 8-lead SOIC and microSOIC packages.
QSPI and SPI are trademarks of Motorola.
Microwire is a trademark of National Semiconductor.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - AD7303BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7303BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com