Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1052F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD1052F
Description  High-side Power Switch for Motor, Solenoid and Lamp Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1052F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD1052F Datasheet HTML 1Page - Toshiba Semiconductor TPD1052F Datasheet HTML 2Page - Toshiba Semiconductor TPD1052F Datasheet HTML 3Page - Toshiba Semiconductor TPD1052F Datasheet HTML 4Page - Toshiba Semiconductor TPD1052F Datasheet HTML 5Page - Toshiba Semiconductor TPD1052F Datasheet HTML 6Page - Toshiba Semiconductor TPD1052F Datasheet HTML 7Page - Toshiba Semiconductor TPD1052F Datasheet HTML 8Page - Toshiba Semiconductor TPD1052F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPD1052F
2012-01-20
4
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Resistance
Characteristics
Symbol
Rating
Unit
178.6(Note 1a)
Thermal resistance, channel to ambient
Rth (ch–a)
357.2(Note 1b)
°C / W
Note 1:
(a) Glass epoxy board
(b) Glass epoxy board
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
40
V
DC
VDD (1)
-0.3 to 25
V
Supply voltage
Pulse
VDD (2)
40 (t ≤ 200ms)
V
Input voltage
VIN
−0.3 to 6
V
Diagnosis output voltage
VDIAG
−0.3 to 6
V
Output current
IO
Internally limited
A
Diagnosis output current
IDIAG
5
mA
Power dissipation (Note 1a)
PD(1)
0.7
Power dissipation (Note 1b)
PD(2)
0.35
Operating temperature
Topr
−40 to 125
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to 150
°C
Glass epoxy board
Material:FR-4
25.4mm×25.4mm×0.8mm
Glass epoxy board
Material:FR-4
25.4mm×25.4mm×0.8mm


Similar Part No. - TPD1052F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
More results

Similar Description - TPD1052F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
   Motor, Solenoid, Lamp Drivers High Side Power Switch
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com