Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FFA40UP35STU Datasheet(HTML) 3 Page - Fairchild Semiconductor

Part No. FFA40UP35STU
Description  40 A, 350 V Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFA40UP35STU Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
www.fairchildsemi.com
3
©2008 Fairchild Semiconductor Corporation
FFA40UP35S Rev. C1
Typical Performance Characteristics
Figure 3. Typical Forward Voltage Drop
vs. Forward Current
Figure 4. Typical Reverse Current vs.
Reverse Voltage
Figure 5.Typical Junction Capacitance
Figure 6. Typical Reverse Recovery Time
vs. diF/dt
Figure 7. Typical Reverse Recovery
Current vs. diF/dt
Figure 8. Forward Current Derating Curve
0.0
0.5
1.0
1.5
2.0
0.2
1
10
100
T
C = 125
oC
T
C = 75
oC
Forward Voltage, V
F [V]
T
C = 25
oC
100
200
300
350
1E-3
0.01
0.1
1
10
100
T
C = 75
oC
T
C = 25
oC
T
C = 125
oC
Reverse Voltage, V
R [V]
10
0.1
1
10
100
80
160
240
320
400
480
560
Typical Capacitance
at 0V = 530 pF
Reverse Voltage, V
R [V]
100
200
300
400
500
20
30
40
50
I
F = 40A
T
C = 75
oC
T
C = 25
oC
T
C = 125
oC
di
F/dt [A/s]
100
200
300
400
500
2
4
6
8
10
I
F = 40A
TC = 125
oC
TC = 25
oC
T
C = 75
oC
di
F/dt [A/s]
25
50
75
100
125
150
0
25
50
75
100
Case temperature, T
C [
oC]


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn