Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFA40UP35STU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FFA40UP35STU
Description  40 A, 350 V Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA40UP35STU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FFA40UP35STU Datasheet HTML 1Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 2Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 3Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 4Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
©2008 Fairchild Semiconductor Corporation
FFA40UP35S Rev. C1
Mechanical Dimensions
Figure 9. TO-3P 3L - 3LD, T03, PLASTIC, EIAJ SC-65
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT3P0-003.


Similar Part No. - FFA40UP35STU

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FFA40UP35STU THINKISEMI-FFA40UP35STU Datasheet
3Mb / 4P
   40Amperes,350Volts Planar Passivation Single Ultra Fast Recovery Rectifiers
More results

Similar Description - FFA40UP35STU

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
N-40EPU06 NELLSEMI-N-40EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 40 A
logo
STMicroelectronics
STGW40N120KD STMICROELECTRONICS-STGW40N120KD Datasheet
763Kb / 15P
   40 A, 1200 V short circuit rugged IGBT with Ultrafast diode
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
   10 A, 300 V, Ultrafast Diode
FFPF10UP20STU FAIRCHILD-FFPF10UP20STU Datasheet
208Kb / 5P
   10 A, 200 V, Ultrafast Diode
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
   60 A, 200 V, Ultrafast Dual Diode
FFPF20UP30DNTU FAIRCHILD-FFPF20UP30DNTU Datasheet
509Kb / 5P
   20 A, 300 V, Ultrafast Dual Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com