Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0225C1C2R7WD05 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C2R7WD05
Description  Chip Monolithic Ceramic Capacitors
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C2R7WD05 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1C2R7WD05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R7WD05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 182 page
background image
C02E.pdf
Sep.25,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
o Part Numbering
(Part Number)
w
qProduct ID wSeries
Chip Monolithic Ceramic Capacitors for General
GJ
GM
GQ
GR
KR
LL
M
A
D
M
3
J
M
3
M
A
L
M
R
High frequency HiQ type
1005(in mm)/0402(in inch) size max.
Top & bottom electrode type for bonding
Product for bonding/AuSn soldering
High frequency HiQ type
1608(in mm)/0603(in inch) size min.
High effective capacitance &
High allowable ripple current
Resin external electrode type
General purpose products
Metal terminal type/High effective capacitance &
High allowable ripple current
Metal terminal type
8-terminal low ESL type
LW reversed low ESL type
10-terminal low ESL type
Controlled ESR low ESL type
Product ID
Code
Series
GR
q
M
e
18
r
8
t
B1
y
1H
u
102
i
K
o
A01
eChip Dimensions (LgW)
!0
D
Code
0.4
g0.2mm
0.6
g0.3mm
0.5
g0.5mm
0.8
g0.8mm
0.38
g0.38mm
1.0
g0.5mm
1.6
g0.8mm
0.6
g1.0mm
2.0
g1.25mm
2.8
g2.8mm
3.2
g1.6mm
3.2
g2.5mm
4.5
g2.0mm
4.5
g3.2mm
5.7
g5.0mm
Dimensions (L
gW)
01005
0201
0202
0303
015015
0402
0603
02404
0805
1111
1206
1210
1808
1812
2220
Size Code (in inch)
02
03
05
08
0D
15
18
1U
21
22
31
32
42
43
55
A
B
C
D
E
M
Q
R
S
X
1.0mm
1.25mm
1.6mm
2.0mm
2.5mm
1.15mm
1.5mm
1.8mm
2.8mm
Depends on individual standards.
rHeight Dimension (T) (Except KRp)
Code
2
3
4
5
6
7
8
9
0.2mm
0.3mm
0.4mm
0.5mm
0.6mm
0.7mm
0.8mm
0.85mm
Dimension (T)
rHeight Dimension (T) (KRp Only)
Code
E
F
K
L
Q
T
W
1.8mm
1.9mm
2.7mm
2.8mm
3.7mm
4.8mm
6.4mm
Dimension (T)
Continued on the following page.


Similar Part No. - GRM0225C1C2R7WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C2R7WD05 MURATA-GRM0225C1C2R7WD05 Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
GRM0225C1C2R7WD05 MURATA-GRM0225C1C2R7WD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C2R7WD05 MURATA-GRM0225C1C2R7WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C2R7WD05L MURATA-GRM0225C1C2R7WD05L Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C2R7WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com