Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8185A Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK8185A
Description  Low - Jitter Clock Generator with Integrated VCO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8185A Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK8185A Datasheet HTML 3Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 8Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 9Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 10Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AK8185A
draft-E-02
Dec. 2012
- 7 -
Crystal Characteristics
Parameter
MIN
TYP
MAX
Unit
Frequency
21.875
28.47
MHz
Equivalent series resistance
50
Ω
On-chip load capacitance
8
10
pF
Drive level
0.1
1
mW
Maximum shunt capacitance
7
pF


Similar Part No. - AK8185A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
   2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
AK8180C AKM-AK8180C Datasheet
1,006Kb / 12P
   2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180E AKM-AK8180E Datasheet
293Kb / 4P
   AK8180E Evaluation Board
More results

Similar Description - AK8185A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com