Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8181F Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK8181F
Description  3.3V LVDS 1:4 Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8181F Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK8181F Datasheet HTML 1Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 2Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 3Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 4Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 5Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 6Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 7Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 8Page - Asahi Kasei Microsystems AK8181F Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AK8181F
draft-E-02
Dec-2012
- 3 -
Pin No.
Pin Name
Pin
Type
Pullup
down
Description
11, 12
Q3n, Q3
OUT
---
Differential clock output (LVDS)
13
VSS
PWR
---
Negative power supply
14, 15
Q2n, Q2
OUT
---
Differential clock output (LVDS)
16, 17
Q1n, Q1
OUT
---
Differential clock output (LVDS)
18
VDD
PWR
---
Positive power supply
19, 20
Q0n, Q0
OUT
---
Differential clock output (LVDS)
Ordering Information
Part Number
Marking
Shipping
Packaging
Package
Temperature
Range
AK8181F
AK8181F
Tape and Reel
20-pin TSSOP
-40 to 85 °C


Similar Part No. - AK8181F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181B AKM-AK8181B Datasheet
541Kb / 4P
   AK8181B Evaluation Board
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181D AKM-AK8181D Datasheet
774Kb / 6P
   AK8181D Evaluation Board
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
   3.3V LVPECL 1:4 Clock Fanout Buffer
More results

Similar Description - AK8181F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Micrel Semiconductor
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
   267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
logo
Renesas Technology Corp
8T349316 RENESAS-8T349316 Datasheet
598Kb / 20P
   2.5V LVDS 1:16 Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com