Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8138MV Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK8138MV
Description  Multi Clock Generator for Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8138MV Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK8138MV Datasheet HTML 2Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 3Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 4Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 5Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 6Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 7Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 8Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 9Page - Asahi Kasei Microsystems AK8138MV Datasheet HTML 10Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
[AK8138MV]
MS1211-J-00
2010/06
- 6 -
3-4)DC特性
VDD=2.85~3.6V,Ta=-40℃~85℃
3-5)AC特性
VDD=2.85~3.6V,Ta=-40℃~85℃
1:出力周波数は入力周波数に比例します。
2:電源が
VDD電圧に達した後クロック出力が所定の周波数±0.1%以内に安定するまでの時間。
3:設計値
項目
端子
MIN
TYP
MAX
単位
備考
高レベル入力電圧
S3,S2
S1,S0
0.7*VDD
V
低レベル入力電圧
同上
0.3*VDD
V
入力リーク電流
S3,S2
S1,S0
-20
+10
μA
出力高レベル電圧
CLK1-4
REFOUT
0.8*VDD
V
IOH=-4mA
出力低レベル電圧
同上
0.2*VDD
V
IOL=4mA
項目
端子
MIN
TYP
MAX
単位
備考
水晶発振周波数
XIN,
XOOUT
26.9
27.0000
27.1
MHz
*1
外部クロック入力
周波数
XIN
26.9
27.000
27.1
MHz
1Vpp 以上
出力 CLK
立ち上がり時間
CLK1-4,
REF_OUT
2.5
ns
Cp1=15pF
Cp2=25pF *3
出力 CLK
立ち下がり時間
CLK1-4,
REFOUT
2.5
ns
Cp1=15pF
Cp2=25pF *3
ピリオドジッタ(1σ)
CLK1-4,
REFOUT
30
ps
*3
ロングタームジッタ
(1000 サイクル 1σ)
CLK1-4,
REFOUT
60
ps
*3
出力デューティーサイクル
CLK1-4,
REFOUT
45
40
50
50
55
60
%
%
Cp1=15pF
Cp2=25pF *3
出力ロック時間
CLK1-4
5
ms
Cp1=15pF
*2,*3


Similar Part No. - AK8138MV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8138C AKM-AK8138C Datasheet
211Kb / 8P
   Multi Clock Generator with VCXO
More results

Similar Description - AK8138MV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
   Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
   MULTI-CLOCK GENERATOR
logo
Texas Instruments
PLL1700 TI1-PLL1700_09 Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com